Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SA Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA540SA
Description  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA540SA Datasheet HTML 22Page - STMicroelectronics STA540SA Datasheet HTML 23Page - STMicroelectronics STA540SA Datasheet HTML 24Page - STMicroelectronics STA540SA Datasheet HTML 25Page - STMicroelectronics STA540SA Datasheet HTML 26Page - STMicroelectronics STA540SA Datasheet HTML 27Page - STMicroelectronics STA540SA Datasheet HTML 28Page - STMicroelectronics STA540SA Datasheet HTML 29Page - STMicroelectronics STA540SA Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Demonstration boards and applications suggestions
STA540SA
26/30
Doc ID 16066 Rev 2
9.2
STA540SA-BTL evaluation board
This board is intended to debug the double-bridge application. The schematic is shown in
Figure 37 and the PCB / components layout is shown in Figure 38.
Figure 37.
STA540SA-BT evaluation board
Figure 38.
Component layout
With this board, the left and right speakers are connected in a BTL allowing the
implementation of a high-power stereo application with few external components.
Additionally, a switch is available on this board to test the standby function and a test point
(DIAG) where it is possible to verify the diagnostic feature (see Section 8.7 on page 20).
+5V
+5V
OUTL-
STANDBY
+C1
10 µF 25 V
+
R1
10 K
SGND
DIAG
C2
100nF
C5
0.47µF
C4
0.47µF
OUTL+
GND
OUT1
1
OUT2
2
IN1
4
IN2
5
SVR
8
IN4
15
IN3
16
OUT4
18
OUT3
19
U1
R2
10 K
VS
C6
47µF 25V
SGND
+C3
1000µF 25V
+
+5V
IN R
OUTR-
IN L
OUTR+
STA540SA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com