Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SA Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA540SA
Description  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA540SA Datasheet HTML 16Page - STMicroelectronics STA540SA Datasheet HTML 17Page - STMicroelectronics STA540SA Datasheet HTML 18Page - STMicroelectronics STA540SA Datasheet HTML 19Page - STMicroelectronics STA540SA Datasheet HTML 20Page - STMicroelectronics STA540SA Datasheet HTML 21Page - STMicroelectronics STA540SA Datasheet HTML 22Page - STMicroelectronics STA540SA Datasheet HTML 23Page - STMicroelectronics STA540SA Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
General structure
STA540SA
20/30
Doc ID 16066 Rev 2
8.7
Built-in short-circuit protection
Reliable and safe operation in the presence of all kinds of short circuits involving the outputs
is assured by built-in protection. Additionally, a soft short-condition is signalled out (to the
AC/DC short circuit to GND, to VS, and across the speaker) during the turn-on phase to
ensure correct operation of the device and the speakers.
This particular kind of protection acts in such a way as to prevent the device being turned on
(by ST_BY) when a resistive path (less than 16
Ω) is present between the output and GND.
It is important to have the external current source driving the ST_BY pin limited to 5 mA.
This is because the associated circuitry is normally disabled with currents >5 mA.
This extra function becomes particularly attractive when, in the single-ended configuration,
one capacitor is shared between two outputs as shown in Figure 29.
Figure 29.
Sharing a capacitor
If the output capacitor Cout is shorted for any reason, the loudspeaker is not damaged.
8.7.1
Diagnostic facilities (pin 12)
The STA540SA is equipped with diagnostic circuitry that is able to detect the following
events:
Clipping in the output signal
Thermal shutdown
Output fault:
–
short to GND
–
short to VS
–
soft short at turn on
The information is available across an open collector output (pin 12) through a current
sinking when the event is detected.
Figure 30.
Clipping detection waveforms
A current sinking at pin 12 is provided when a certain distortion level is reached at each
output. This function initiates a gain-compression facility whenever the amplifier is
overdriven.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com