Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SA Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA540SA
Description  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA540SA Datasheet HTML 8Page - STMicroelectronics STA540SA Datasheet HTML 9Page - STMicroelectronics STA540SA Datasheet HTML 10Page - STMicroelectronics STA540SA Datasheet HTML 11Page - STMicroelectronics STA540SA Datasheet HTML 12Page - STMicroelectronics STA540SA Datasheet HTML 13Page - STMicroelectronics STA540SA Datasheet HTML 14Page - STMicroelectronics STA540SA Datasheet HTML 15Page - STMicroelectronics STA540SA Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Standard applications circuits
STA540SA
12/30
Doc ID 16066 Rev 2
Figure 11.
Stereo Bridge
A dedicated evaluation board is available for this application (see Section 9 on page 24).
0.22
µF
1
DIAGNOSTICS
4
9
D05AU1601
10
µF
10K
ST-BY
IN L
0.47
µF
5
IN BRIDGE
16
47
µF
8
17
1000
µF
100nF
3
VS
2
18
19
OUT L
10
11
12
OUT
BRIDGE
15
0.22
µF
IN R
OUT R
2200
µF
2200
µF
2 x 9 W into 2
Ω + 1 x 18 W into 4 Ω, 12 V
2 x 12 W into 2
Ω + 1 x 26 W into 4 Ω, 14.4 V
2 x 8 W into 4
Ω + 1 x 16 W into 8 Ω, 16 V
Suggested applications:
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com