Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SA Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA540SA
Description  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA540SA Datasheet HTML 12Page - STMicroelectronics STA540SA Datasheet HTML 13Page - STMicroelectronics STA540SA Datasheet HTML 14Page - STMicroelectronics STA540SA Datasheet HTML 15Page - STMicroelectronics STA540SA Datasheet HTML 16Page - STMicroelectronics STA540SA Datasheet HTML 17Page - STMicroelectronics STA540SA Datasheet HTML 18Page - STMicroelectronics STA540SA Datasheet HTML 19Page - STMicroelectronics STA540SA Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Thermal information
STA540SA
16/30
Doc ID 16066 Rev 2
7
Thermal information
In order to avoid the thermal protection intervention that is placed at Tj =150 °C (thermal
muting) or Tj=160 °C (thermal shutdown), it is important to design the heatsink Rth (°C/W)
value correctly.
The parameters that influence the design are:
Maximum dissipated power for the device (Pdmax)
Maximum thermal resistance junction to case (Rth_j-case)
Maximum ambient temperature Tamb_max
There is also an additional term that depends on the quiescent current, Iq, but this is
negligible in this case.
Example 1: 4-channel single-ended amplifier
VCC =14.4 V, RL = 4 Ω x 4 channels, Rth_j-case = 2.5 °C/W, Tamb_max = 50 °C, Pout = 4 x 7 W
The required thermal resistance for the heatsink is
Example 2: 2-channel single-ended plus 1-channel (BTL) amplifier
VCC = 14.4 V, RL = 2 x 2 Ω (SE) + 1 x 4 Ω (BTL), Pout = 2 x 12 W + 1 x 26 W
The required thermal resistance for the heatsink is
Design notes on examples 1 and 2
The values found give a heatsink that is designed to sustain the maximum dissipated power.
But as explained in the applications note (AN1965) the heatsink can be smaller when a
realistic application is considered where a musical program is used.
When the average listening power concept is considered, the dissipated power is about 40%
less than the Pdmax. Therefore, in examples 1 and 2, the resulting average dissipated power
is reduced as follows:
–
Example 1: 10.5 W - 40% = 6.3 W giving Rth_c-amb = 13.4 °C/W
–
Example 2: 21 W - 40% = 12.6 W giving Rth_c-amb = 5.4 °C/W
Figure 27 below shows the power derating curve for the device.
P
dmax
NChannel
V
CC
2
2
Π
2
R
L
------------------
4 2.62
10.5W
=
⋅
=
⋅
=
"" R
th_c-amb
150
T
amb_max
–
P
dmax
--------------------------------------- R
th_j-case
150
50
–
10.5
---------------------- 2.5
7
°C/W
=
–
=
–
=
P
dmax
2
V
CC
2
2
Π
2
R
L
------------------
2V
CC
2
Π
2
R
L
-----------------
2 5.25
10.5
21W
=
+
⋅
=
+
⋅
=
"" R
th_c-amb
150
T
amb_max
–
P
dmax
--------------------------------------- R
th_j-case
150
50
–
21
---------------------- 2.5
2.2
°C/W
=
–
=
–
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com