Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SA Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA540SA
Description  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA540SA Datasheet HTML 7Page - STMicroelectronics STA540SA Datasheet HTML 8Page - STMicroelectronics STA540SA Datasheet HTML 9Page - STMicroelectronics STA540SA Datasheet HTML 10Page - STMicroelectronics STA540SA Datasheet HTML 11Page - STMicroelectronics STA540SA Datasheet HTML 12Page - STMicroelectronics STA540SA Datasheet HTML 13Page - STMicroelectronics STA540SA Datasheet HTML 14Page - STMicroelectronics STA540SA Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
STA540SA
Standard applications circuits
Doc ID 16066 Rev 2
11/30
5
Standard applications circuits
Figure 8.
Quad stereo
Figure 9.
Audio performance option
The best audio performance is obtained with the configuration where each speaker has its
own DC blocking capacitor. If the application allows a little degradation of the spatial image it
is possible to connect a couple of speakers with only one low-value DC blocking capacitor.
Figure 10.
Double bridge
A dedicated evaluation board is available for this application (see Section 9 on page 24).
0.22
µF
DIAGNOSTICS
2200
µF
D04AU1555B
10
µF
10K
ST-BY
IN1
0.22
µF
IN2
0.22
µF
IN3
0.22
µF
IN4
P-GND S-GND
47
µF
1000
µF
100nF
VS
2200
µF
2200
µF
2200
µF
OUT1
OUT2
OUT3
OUT4
9
4
5
16
15
8
17
3
1
2
19
18
12
11
10
4 x 12 W at 2
Ω, 14.4 V
4 x 10 W at 4
Ω, 17 V
4 x 9 W at 2
Ω, 12 V
4 x 5 W at 4
Ω, 12 V
Suggested applications:
1
470
µF
2
18
470
µF
19
*
0.47
µF
1
DIAGNOSTICS
4
9
D95AU1600
10
µF
10K
ST-BY
IN L
0.47
µF
5
16
IN R
15
47
µF
8
17
1000
µF
100nF
3
VS
2
18
19
OUT L
10
11
12
OUT R
2 x 9 W at 8
Ω, 12 V
2 x 18 W at 4
Ω, 12 V
2 x 13 W at 8
Ω, 14 V
Suggested applications:
2 x 26 W at 8
Ω, 14 V
2 x 15 W at 8
Ω, 16 V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com