Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SA Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA540SA
Description  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA540SA Datasheet HTML 4Page - STMicroelectronics STA540SA Datasheet HTML 5Page - STMicroelectronics STA540SA Datasheet HTML 6Page - STMicroelectronics STA540SA Datasheet HTML 7Page - STMicroelectronics STA540SA Datasheet HTML 8Page - STMicroelectronics STA540SA Datasheet HTML 9Page - STMicroelectronics STA540SA Datasheet HTML 10Page - STMicroelectronics STA540SA Datasheet HTML 11Page - STMicroelectronics STA540SA Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Test and application board
STA540SA
8/30
Doc ID 16066 Rev 2
4
Test and application board
This section includes information about the test and application board including the test
circuit, board layout, and parts list.
Figure 3.
Test and application board
Figure 4.
Test circuit
+5V
ON
OFF
VS
IC1
STA540SA
OUT1
1
IN2
5
IN3
16
OUT3+
19
OUT2
2
IN1
4
SVR
8
IN4
15
OUT4
18
IN1
C8
STANDBY
1
2
3
P_GND
OUT1
C5 0.22 µF
JP5
C7 0.22 µF
+ C11
1000 µF, 25 V
C15
IN3
+ C9
C3 0.22 µF
C10
JP6
C12
OUT2
R4
10K
IN2
OUT3 (OUT3+)
IN4
C1 0.22 µF
C13
PGND
DIAG
+5V
C14
2200 µF, 25 V
2200 µF, 25 V
2200 µF, 25 V
2200 µF, 25 V
470 µF, 25 V
10 µF,
25 V
0.1 µF
P_GND
OUT4 (OUT3-)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com