Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SA Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA540SA
Description  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA540SA Datasheet HTML 20Page - STMicroelectronics STA540SA Datasheet HTML 21Page - STMicroelectronics STA540SA Datasheet HTML 22Page - STMicroelectronics STA540SA Datasheet HTML 23Page - STMicroelectronics STA540SA Datasheet HTML 24Page - STMicroelectronics STA540SA Datasheet HTML 25Page - STMicroelectronics STA540SA Datasheet HTML 26Page - STMicroelectronics STA540SA Datasheet HTML 27Page - STMicroelectronics STA540SA Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Demonstration boards and applications suggestions
STA540SA
24/30
Doc ID 16066 Rev 2
9
Demonstration boards and applications suggestions
In addition to the test and applications board shown in Figure 3 on page 8, two
demonstration boards are also available:
STA540SA-2.1CH Eval-Board
STA540SA-BTL Eval-Board
These two evaluation boards are briefly described in the following section.
Note:
The test and application board shown in Figure 3 on page 8 is common to the STA543
amplifier and is intended to verify all the possible application configurations offered by the
STA540SA.
9.1
STA540SA-2.1CH evaluation board
This board is intended to debug the 2.1-channel application. The schematic is shown in
Figure 35 and the PCB / components layout is shown in Figure 36.
Figure 35.
STA540SA-2.1CH evaluation board
+5V
+5V
OUTR
IN R
PGND
STANDBY
DIAG
DIAG
SGND
R1
10 K
C6
0.22 µF
+C1
10 µF 25 V
C4
0.22 µF
C8
0.47 µF
C2
100 nF
OUT-
C9 1000 µF 25 V NM
OUTL
OUT1
1
OUT2
2
IN1
4
IN2
5
SVR
8
IN4
15
IN3
16
OUT4
18
OUT3
19
U1
GND
R2
10 K
R2
COMR
C7 470 µF 25 V
VS
C10
470 µF 25 V
SGND
C5 1000 µF 25 V NM
+5V
+C3
1000 µF 25 V
COML
IN L
IN BRIDGE
OUT+
PGND
STA540SA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com