Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SA Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA540SA
Description  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA540SA Datasheet HTML 3Page - STMicroelectronics STA540SA Datasheet HTML 4Page - STMicroelectronics STA540SA Datasheet HTML 5Page - STMicroelectronics STA540SA Datasheet HTML 6Page - STMicroelectronics STA540SA Datasheet HTML 7Page - STMicroelectronics STA540SA Datasheet HTML 8Page - STMicroelectronics STA540SA Datasheet HTML 9Page - STMicroelectronics STA540SA Datasheet HTML 10Page - STMicroelectronics STA540SA Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
STA540SA
Electrical specifications
Doc ID 16066 Rev 2
7/30
Rin
Input impedance
-
20
30
-
k
Ω
Gv
Voltage gain
-
19
20
21
dB
Gv
Voltage gain match
-
-
-
0.5
dB
EN
Total output noise
Rg = 0, “A” weighted
Inverting channels:
Non-inverting channels:
-
-
50
20
-
-
µV
SVR
Supply voltage rejection
Rg = 0, f = 300 Hz,
CSVR = 470 µF
50
-
-
dB
ASB
Standby attenuation
-
80
90
-
dB
ISB
ST_BY current consumption
VST_BY = 0 to 1.5 V
-
-
100
µA
VSB
ST_BY IN threshold voltage
-
-
-
1.5
V
VSB
ST_BY OUT threshold
voltage
-3.5
-
-
V
IST_BY
ST_BY pin current
Play mode VST_BY = 5 V
--50
µA
Driving current under fault
-
-
5
mA
Icd off
Clipping detector output
average current
d = 1 % (1)
-90
-
µA
Icd on
Clipping detector output
average current
d = 5 % (1)
-160
-
µA
VDIAG
Voltage saturation on DIAG
Sink current
at IDIAG = 1 mA
--0.7
V
TW
Thermal warning
-
-
140
-
°C
TM
Thermal muting
-
-
150
-
°C
TS
Thermal shutdown
-
-
160
-
°C
1.
Pin DIAG pulled-up to 5 V with 10 k
Ω
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com