Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 27 Page - Motorola, Inc

Part # MC44BS373CAD
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BS373CAD Datasheet(HTML) 27 Page - Motorola, Inc

Back Button MC44BS373CAD Datasheet HTML 23Page - Motorola, Inc MC44BS373CAD Datasheet HTML 24Page - Motorola, Inc MC44BS373CAD Datasheet HTML 25Page - Motorola, Inc MC44BS373CAD Datasheet HTML 26Page - Motorola, Inc MC44BS373CAD Datasheet HTML 27Page - Motorola, Inc MC44BS373CAD Datasheet HTML 28Page - Motorola, Inc MC44BS373CAD Datasheet HTML 29Page - Motorola, Inc MC44BS373CAD Datasheet HTML 30Page - Motorola, Inc MC44BS373CAD Datasheet HTML 31Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
MOTOROLA
MC44BS373CA Data Sheet
27
High Speed I2C Compatible Bus
Figure 10. PLL Loop Filter
Loop filter equation:
•
ωo = 3-dB cutoff frequency
•
Kpd = 1-
µA phase detector current
•
Kosc = 5 MHz/V sound oscillator slope. (In fact, Kosc = 40 MHz/prescaler divider = 8.) This
provides 5 MHz/V.
•
N = Sound divider ratio
•
Q = quality factorvR
C2, added to minimize glitches, is usually set to one tenth the size of C1. For example:
•
Fref = 31.25 kHz
→ N = 5.5 MHz / 31.25 kHz = 176
Assuming C1 = 1
µF, then
ωo = 168 rad, and Fo = 27 Hz
Q depends on the desired frequency response. Choosing Q = 0.7 as a starting point, then R = 8.5 K
Ω. The
resistance acts directly on the factor quality and can be adjusted to create a peak on the low-frequency range.
It is recommended that the value of R be adjusted experimentally depending on the application and
requirements.
16 High Speed I2C Compatible Bus
16.1 Specification Conditions
Each of the characteristics listed in Table 27 and Table 28 is classified as one of the following types:
•
A—100% tested
•
B—100% correlation tested
•
C—Characterized on samples
•
D—Design parameter
See Section 14, “Characterization Measurement Conditions,” for each C-type parameter.
Unless otherwise specified, VCC = 5.0 V, TA = 25°C.
C2
C1
R
ωo
Kpd
Kosc
×
NC1
×
------------------------------
=
Q
1
RC1
×
ωo
×
-------------------------------
=
with
,,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com