Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC44BS373CAD
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BS373CAD Datasheet(HTML) 3 Page - Motorola, Inc

  MC44BS373CAD Datasheet HTML 1Page - Motorola, Inc MC44BS373CAD Datasheet HTML 2Page - Motorola, Inc MC44BS373CAD Datasheet HTML 3Page - Motorola, Inc MC44BS373CAD Datasheet HTML 4Page - Motorola, Inc MC44BS373CAD Datasheet HTML 5Page - Motorola, Inc MC44BS373CAD Datasheet HTML 6Page - Motorola, Inc MC44BS373CAD Datasheet HTML 7Page - Motorola, Inc MC44BS373CAD Datasheet HTML 8Page - Motorola, Inc MC44BS373CAD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
MOTOROLA
MC44BS373CA Data Sheet
3
Pin Descriptions
•I2C bus 3.3-V compatible
•
Lower power consumption in normal and standby modes (–2 mA)
•
Can be powered down without holding down I2C lines
•
TB1 bit no longer available (limited compatibility with MC44355 devices no longer available)
•
New SREF bit to program sound reference frequency (31.25 and 62.5 kHz)
•
Four different I2C addresses selectable by single pin with external resistor (available only in QFN20
package)
•
Direct sound RF modulator (FM and AM sound modulators bypassed) for NICAM or stereo sound
applications (available only in QFN20 package)
•
Switch between two integrated VCOs controlled directly by frequency divider (at 700 MHz)
•
Lower RF second harmonic spurious but higher third harmonic spurious. In applications it is easier
to filter UHF third harmonics spurious than second harmonics, as these frequencies are always out
of the UHF band. Unfortunately, the second harmonic can fall back into the same UHF band (for
instance channel 21 second harmonic). For this reason, it is almost impossible to have a good
rejection of low UHF second harmonic with an external low-pass filter. This is why the design has
been optimized for maximum second harmonic rejection in spite of an increase in the third
harmonic level.
3 Pin Descriptions
This section describes the pins of the MC44BS373CA. First the 16-pin package will be considered, then the
20-pin package.
3.1 SO16 Package Pin Descriptions
The pins of the 16-pin package are listed in Table 1, along with a description of each.
Table 1. SO16 Package Pin Descriptions
Pin
Name
Description
Pin
Name
Description
1SCL
I2C clock
9
VIDEO
Video input
2SDA
I2C data
10
VCCA
Main analog supply voltage
3
LOP
Logical output port controlled by I2C bus
11
GND
Analog ground
4
XTAL
Crystal
12
TVOUT
TV output signal
5
GND
Ground
13 TVOVCC TV output stage supply voltage
6
PREEM
Pre-emphasis capacitor
14
PLLFLT
RF PLL loop filter
7
AUDIO
Audio input
15
VCCD
Digital supply voltage
8
SPLLFLT Sound PLL loop filter
16
GNDD
Digital ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com