Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC44BS373CAD
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BS373CAD Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC44BS373CAD Datasheet HTML 3Page - Motorola, Inc MC44BS373CAD Datasheet HTML 4Page - Motorola, Inc MC44BS373CAD Datasheet HTML 5Page - Motorola, Inc MC44BS373CAD Datasheet HTML 6Page - Motorola, Inc MC44BS373CAD Datasheet HTML 7Page - Motorola, Inc MC44BS373CAD Datasheet HTML 8Page - Motorola, Inc MC44BS373CAD Datasheet HTML 9Page - Motorola, Inc MC44BS373CAD Datasheet HTML 10Page - Motorola, Inc MC44BS373CAD Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
MOTOROLA
MC44BS373CA Data Sheet
7
Electrostatic Discharge
7 Electrostatic Discharge
Electrostatic discharge (ESD ) tests are carried out on all pins using MIL STD 883C method 3015-7. Results
are shown in Table 6.
s
8 Electrical Characteristics
Each of the operating conditions listed in Table 7 is characterized as one of the following types:
•
A—100% tested
•
B—100% correlation tested
•
C—Characterized on samples
•
D—Design parameter
See Section 14, “Characterization Measurement Conditions,” for each C-type parameter.
8.1 Operating Conditions
Unless otherwise stated, VCC = 5.0V, ambient temperature = 25°C, and video input is 1 Vp-p, with 10-step
grey scale and RF output into 75-
Ω load.
NOTE
Specifications are only valid for envelope demodulation.
Table 6. Electrostatic Discharge Tests
Symbol
Parameter
Minimum
Unit
ESD
MM (machine model)
400
V
ESD
HBM (human body model)
4000
V
Table 7. Operating Conditions
Parameter
Condition
Minimum Typical Maximum Unit Type Notes
Operating supply voltage range
—
4.5
5.0
5.5
V
B
Total supply current 1
1 All sections active
—42
50
58
mA
A
1
Total standby mode supply current 2
2 OSC = SO = ATT = 1, bus section active. See Section 15.3, “Standby Mode.”
—3
5
7
mA
A
2
Test pattern sync pulse width
—
3
4.7
6.5
µSB
Sound comparator charge pump current
During locking
7
10
12
µAA
When locked
0.7
1
1.5
RF comparator charge pump current
—
60
100
150
µAA
Crystal oscillator stability-negative resistance
—
1
—
—
K
Ω
D
Logic output port saturation voltage at I = 2 mA
—
—
160
300
mV
A
Logic output port leakage current
—
—
—
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com