Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC44BS373CAD
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BS373CAD Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC44BS373CAD Datasheet HTML 4Page - Motorola, Inc MC44BS373CAD Datasheet HTML 5Page - Motorola, Inc MC44BS373CAD Datasheet HTML 6Page - Motorola, Inc MC44BS373CAD Datasheet HTML 7Page - Motorola, Inc MC44BS373CAD Datasheet HTML 8Page - Motorola, Inc MC44BS373CAD Datasheet HTML 9Page - Motorola, Inc MC44BS373CAD Datasheet HTML 10Page - Motorola, Inc MC44BS373CAD Datasheet HTML 11Page - Motorola, Inc MC44BS373CAD Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
MC44BS373CA Data Sheet
MOTOROLA
I2C Bit Mapping
I2C Bit Mapping
9 I2C Bit Mapping
Table 8. I2C Write-Mode Bit Mapping
Write Mode
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ACK
Chip address
1
1
0
0
1
See Table 11.
0
ACK
C1—High-order bits
1
0
SO
LOP
PS
X3
X2
SYSL
ACK
C0—Low-order bits
PWC
OSC
ATT
SFD1
SFD0
SREF
X5
X4
ACK
FM—High-order bits
0
TPEN
N11
N10
N9
N8
N7
N6
ACK
FL—Low-order bits
N5
N4
N3
N2
N1
N0
X1
X0
ACK
Table 9. I2C Read-Mode Bit Mapping
Read Mode
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ACK
Chip address
11
001
See Table 12.
1
ACK
R—Status byte
—
————
Y2
Y1
OOR
—
Table 10. I2C Bit Mapping Bit Descriptions
Name
Description
SO
Sound oscillator on/off
0 Sound oscillator on (normal mode)
1 Sound oscillation disabled (oscillator and PLL section bias turned off)
LOP
Logic output port
0 LOP pin is low voltage.
1 LOP pin is high impedance.
PS
Picture-to-sound carrier ratio
0 Picture-to-sound carrier ratio is 12 dB.
1 Picture-to-sound carrier ratio is 16 dB.
X0–X5
Test mode bits
Note: All bits are 0 for normal operation. For further information, see Table 17 and Table 18.
SYSL
System L enable—Selects AM sound and positive video modulation
0 System B /G enabled, system L disabled (FM sound and negative video modulation)
1 System L enabled, system B/G disabled (AM sound and positive video modulation)
PWC
Peak white clip enable/disable
0 Peak white clip on (system B/G)
1 Peak white clip off (system L)
OSC
UHF oscillator on/off
0 Normal operation
1 UHF oscillator disabled (oscillator and PLL sections bias turned off)
ATT
Modulator output attenuated-sound and video modulators on/off
0 Normal operation
1 Modulator output attenuation (sound and video modulators sections bias turned off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com