Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC44BS373CAD
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BS373CAD Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC44BS373CAD Datasheet HTML 6Page - Motorola, Inc MC44BS373CAD Datasheet HTML 7Page - Motorola, Inc MC44BS373CAD Datasheet HTML 8Page - Motorola, Inc MC44BS373CAD Datasheet HTML 9Page - Motorola, Inc MC44BS373CAD Datasheet HTML 10Page - Motorola, Inc MC44BS373CAD Datasheet HTML 11Page - Motorola, Inc MC44BS373CAD Datasheet HTML 12Page - Motorola, Inc MC44BS373CAD Datasheet HTML 13Page - Motorola, Inc MC44BS373CAD Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
MC44BS373CA Data Sheet
MOTOROLA
I2C Programming
I2C Programming
10 I2C Programming
The following tables list, by category, the bits used to program various parameters of the MC44BS373CA.
10.1 Sound Settings
Table 13 lists the sound settings used.
Table 14 lists the video settings used.
Table 13. Sound Settings
Bit
Value
Setting
Sound Subcarrier Frequency (MHz)
SFD1
SFD0
SFD1
SFD0
00
4.5
01
5.5
10
6.0
11
6.5
Picture-to-Sound Ratio (dB)
PS
0
12
116
Sound Oscillator
SO
0
Sound oscillator on (normal mode)
1
Sound oscillation disabled (oscillator and PLL section bias turned off)
Table 14. Video Settings
Bit
Value
Setting
System L/BG Selection
SYSL
0
System B/G enabled, system L disabled (FM sound and negative video
modulation)
1
System L enabled, system B/G disabled (AM sound and positive video modulation)
Peak White Clip
PWC
0
Peak white clip on (system B/G)
1
Peak white clip off (system L)
Test Pattern Signal
TPEN
0
Test pattern signal off (normal operation)
1
Test pattern signal on (picture and sound)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com