Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 43 Page - Motorola, Inc

Part # MC44BS373CAD
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BS373CAD Datasheet(HTML) 43 Page - Motorola, Inc

Back Button MC44BS373CAD Datasheet HTML 39Page - Motorola, Inc MC44BS373CAD Datasheet HTML 40Page - Motorola, Inc MC44BS373CAD Datasheet HTML 41Page - Motorola, Inc MC44BS373CAD Datasheet HTML 42Page - Motorola, Inc MC44BS373CAD Datasheet HTML 43Page - Motorola, Inc MC44BS373CAD Datasheet HTML 44Page - Motorola, Inc MC44BS373CAD Datasheet HTML 45Page - Motorola, Inc MC44BS373CAD Datasheet HTML 46Page - Motorola, Inc MC44BS373CAD Datasheet HTML 47Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
MOTOROLA
MC44BS373CA Data Sheet
43
Case Outlines
22 Case Outlines
22.1 SO16 Case
Figure 26. SO16NB Package
Dim
Millimeters
Inches
Min
Max
Min
Max
A
1.35
1.75
0.054
0.068
A1
0.1
0.25
0.004
0.009
D
9.8
10
0.385
0.393
E
5.8
6.2
0.229
0.244
E1
3.8
4
0.150
0.157
b
0.35
0.49
0.014
0.019
c
0.19
0.25
0.008
0.009
e
1.27 BSC
0.050 BSC
L
0.4
1.25
0.016
0.049
h
0.25
0.5
0.010
0.019
Q0o
7o
0o
7o
Note:
1. Dimensions and Tolerances per ASME Y14.5M,
1994.
Note:
2. Controlling dimension: Millimeters.
Note:
3. Dimensions D and E1 do not include mold
protrusion.
Note:
4. Maximum mold protrusion 0.15 (0.006) per side.
Note:
5. Dimension b does not include Dambar
protrusion.
Allowable Dambar protrusion shall be 0.127 (0.005) total in
excess of the b dimension at maximum material condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com