Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC44BS373CAD
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BS373CAD Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC44BS373CAD Datasheet HTML 5Page - Motorola, Inc MC44BS373CAD Datasheet HTML 6Page - Motorola, Inc MC44BS373CAD Datasheet HTML 7Page - Motorola, Inc MC44BS373CAD Datasheet HTML 8Page - Motorola, Inc MC44BS373CAD Datasheet HTML 9Page - Motorola, Inc MC44BS373CAD Datasheet HTML 10Page - Motorola, Inc MC44BS373CAD Datasheet HTML 11Page - Motorola, Inc MC44BS373CAD Datasheet HTML 12Page - Motorola, Inc MC44BS373CAD Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
MOTOROLA
MC44BS373CA Data Sheet
9
I2C Bit Mapping
Table 11 and Table 12 show how to select the I2C address.
NOTE
The I2C address is also selectable via the CAS pin. See Section 16, “High
Speed I2C Compatible Bus,” for more information.
SFD1
SFD0
Sound subcarrier frequency control bits
SFD1 SFD0
Frequency
00
4.5
01
5.5
10
6.0
11
6.5
SREF
Sound PLL reference frequency
0 Sound reference frequency = 31.25 kHz
1 Sound reference frequency = 62.5 kHz
TPEN
Test pattern enable-picture and sound
0 Test pattern signal off (normal operation)
1 Test pattern signal on (picture and sound)
N0–N11
UHF frequency programming bits, in steps of 250 kHz
See Section 15.7, “UHF PLL Section,” for more information.
Y2
RF oscillator operating range information
0 High VCO is active.
1 Low VCO is active.
Y1
RF oscillator operating range information
0 VCO out of range, frequency too low. Only valid if OOR=1
1 VCO out of range, frequency too high. Only valid if OOR=1
OOR
RF oscillator out-of-frequency range information
0 Normal operation, VCO in range
1 VCO out of range
Table 11. I2C Address Selection, Write Mode
SFD1
SFD0
Address Selected
Binary
Hex
0
0
1100_1000
0xC8
1
0
1100_1010
0xCA
0
1
1100_1100
0xCC
1
1
1100_1110
0xCE
Table 12. I2C Address Selection, Read Mode
SFD1
SFD0
Address Selected
Binary
Hex
0
0
1100_1001
0xC9
1
0
1100_1011
0xCB
0
1
1100_1101
0xCD
1
1
1100_1111
0xCF
Table 10. I2C Bit Mapping Bit Descriptions (continued)
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com