Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC44BS373CAD
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BS373CAD Datasheet(HTML) 1 Page - Motorola, Inc

  MC44BS373CAD Datasheet HTML 1Page - Motorola, Inc MC44BS373CAD Datasheet HTML 2Page - Motorola, Inc MC44BS373CAD Datasheet HTML 3Page - Motorola, Inc MC44BS373CAD Datasheet HTML 4Page - Motorola, Inc MC44BS373CAD Datasheet HTML 5Page - Motorola, Inc MC44BS373CAD Datasheet HTML 6Page - Motorola, Inc MC44BS373CAD Datasheet HTML 7Page - Motorola, Inc MC44BS373CAD Datasheet HTML 8Page - Motorola, Inc MC44BS373CAD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Ordering Information
Device
Temp Range
Package
MC44BS373CAD,R2
–20 to +85°C
SO16NB
MC44BS373CAFC,R2
–20 to +85°C
QFN20
Lead Free
MC44BS373CAEF,R2
–20 to +85°C
SO16NB
Lead Free
NOTE: For tape and reel, add R2 suffix.
SO16NB Package
QFN20 Package
MC44BS373CA
The MC44BS373CA audio and video modulator is for use in VCRs, set-top boxes, and
similar devices.
•
Supports multiple standards
•
TV output level 82 dB
µV typical
•
5- and 3.3-V compatible I2C bus
Figure 1 shows the pin connections for both package options.
Figure 1. MC44BS373CA Pin Connections
XTAL
GND
TVOVCC
GND
LOP
PREEM
TVOUT
1
2
3
4
5
67
8
20
19
18
17
910
11
12
13
14
15
16
CAS
NC
NC
QFN20 Package
GNDD
VCCD
XTAL
GND
TVOVCC
AUDIO
GND
PLLFLT
SDA
SCL
LOP
PREEM
TVOUT
VCCA
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SPLLFLT
VIDEO
SO16NB Package
Technical Data
MC44BS373CA
Rev. 2.6, 6/2004
MC44BS373CA
Data Sheet
PLL-Tuned UHF and VHF
Audio/Video High-Integration
Modulator
Contents
1 Features . . . . . . . . . . . . . . . . . . . . . . 2
2 Comparing the MC44BS373CA to the
MC44BC373/4C. . . . . . . . . . . . . . . . . 2
3 Pin Descriptions. . . . . . . . . . . . . . . . . 3
4 MC44BS373CA Functional Overview 5
5 Maximum Ratings . . . . . . . . . . . . . . . 6
6 Thermal Ratings . . . . . . . . . . . . . . . . 6
7 Electrostatic Discharge . . . . . . . . . . . 7
8 Electrical Characteristics . . . . . . . . . . 7
9 I2C Bit Mapping . . . . . . . . . . . . . . . . . 8
10 I2C Programming . . . . . . . . . . . . . . 10
11 Modulator High-Frequency
Characteristics . . . . . . . . . . . . . . . . . 13
12 Video Characteristics. . . . . . . . . . . . 14
13 Audio Characteristics. . . . . . . . . . . . 16
14 Characterization Measurement
Conditions . . . . . . . . . . . . . . . . . . . . 17
15 MC44BS373CA Modes of Operation 22
16 High Speed I2C Compatible Bus. . . 27
17 Pin Circuit Schematics. . . . . . . . . . . 31
18 Application Diagrams. . . . . . . . . . . . 32
19 MC44BS373CA Evaluation Board
Schematic and Layout . . . . . . . . . . . 36
20 Packaging Instructions . . . . . . . . . . 41
21 Marking Instructions . . . . . . . . . . . . 42
22 Case Outlines . . . . . . . . . . . . . . . . . 43
23 Document Revision History . . . . . . . 48


Similar Part No. - MC44BS373CAD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44BS373CAD FREESCALE-MC44BS373CAD Datasheet
436Kb / 28P
CMOS Audio/Video RF Modulators
MC44BS373CADR2 FREESCALE-MC44BS373CADR2 Datasheet
880Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
More results

Similar Description - MC44BS373CAD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
Freescale Semiconductor...
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC373C FREESCALE-MC44BC373C Datasheet
1Mb / 30P
PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
PLL Tuned VHF Audio/Video High Integration IC
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
PLL Tuned VHF Audio/Video High Integration Modulator ICs
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com