Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 16 Page - Motorola, Inc

Part # MC44BS373CAD
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BS373CAD Datasheet(HTML) 16 Page - Motorola, Inc

Back Button MC44BS373CAD Datasheet HTML 12Page - Motorola, Inc MC44BS373CAD Datasheet HTML 13Page - Motorola, Inc MC44BS373CAD Datasheet HTML 14Page - Motorola, Inc MC44BS373CAD Datasheet HTML 15Page - Motorola, Inc MC44BS373CAD Datasheet HTML 16Page - Motorola, Inc MC44BS373CAD Datasheet HTML 17Page - Motorola, Inc MC44BS373CAD Datasheet HTML 18Page - Motorola, Inc MC44BS373CAD Datasheet HTML 19Page - Motorola, Inc MC44BS373CAD Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
16
MC44BS373CA Data Sheet
MOTOROLA
Audio Characteristics
Audio Characteristics
13 Audio Characteristics
Each of the characteristics listed in Table 22 is classified as one of the following types:
•
A—100% tested
•
B—100% correlation tested
•
C—Characterized on samples
•
D—Design parameter
See Section 14, “Characterization Measurement Conditions,” for each C-type parameter.
Unless otherwise stated, VCC = 5.0V, ambient temperature = 25°C, and video input is 1 Vp-p, with 10-step
grey scale and RF output into 75-
Ω load.
NOTE
Specifications are only valid for envelope demodulation.
Table 22. Audio Performance Characteristics 1
1 See Section 14, “Characterization Measurement Conditions.”
Parameter
Test Conditions
Minimum Typical Maximum Unit Type
Picture-to-sound ratio
PS bit set to 1
13
16
19
dB
B
PS bit set to 0
9
12
15
Audio modulation depth
Using specific pre-emphasis circuit,
audio input level = 205 mVrms, audio frequency = 1 kHz
AM modulation: SECAM Fs=6.5MHz
76
80
84
%
B
FM modulation: Fs=5.5, 6, or 6.5 MHz
100% modulation = ±50 kHz FM deviation
76
80
84
%
B
FM modulation: NTSC Fs=4.5MHz
100% modulation = ±25 kHz FM deviation
76
80
84
%
B
Audio input resistance
45
53
61
K
Ω
A
Audio frequency response Reference 0dB at 1kHz
using specified pre-emphasis circuit,
measured from 50 Hz to 15 kHz
(depends on loop filter components)
–2.0
—
+2.0
dB
C
Audio distortion FM
(THD only)
At 1 kHz, 100% modulation (
±50 kHz)
No video
—0.2
0.8
%
C
Audio distortion AM
(THD only)
At 1 kHz, 100% modulation
No video
—1.5
2.5
%
D
Audio S/N with sync
buzz FM
Ref 1 kHz, 50% modulation (±25 kHz)
EBU color bars video signal,
using CCIR 468-2 weighting filter
50
54
—
dB
C
Audio S/N with sync
buzz AM
Reference 1kHz, 85% modulation
Video input EBU color bar 75%
Audio BW 40Hz–15kHz,
using CCIR 468-2 weighting filter
45
50
—
dB
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com