Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 13 Page - Motorola, Inc

Part # MC44BS373CAD
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BS373CAD Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MC44BS373CAD Datasheet HTML 9Page - Motorola, Inc MC44BS373CAD Datasheet HTML 10Page - Motorola, Inc MC44BS373CAD Datasheet HTML 11Page - Motorola, Inc MC44BS373CAD Datasheet HTML 12Page - Motorola, Inc MC44BS373CAD Datasheet HTML 13Page - Motorola, Inc MC44BS373CAD Datasheet HTML 14Page - Motorola, Inc MC44BS373CAD Datasheet HTML 15Page - Motorola, Inc MC44BS373CAD Datasheet HTML 16Page - Motorola, Inc MC44BS373CAD Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
MOTOROLA
MC44BS373CA Data Sheet
13
Modulator High-Frequency Characteristics
11 Modulator High-Frequency Characteristics
Each of the characteristics listed in Table 20 is classified as one of the following types:
A—100% tested
B—100% correlation tested
C—Characterized on samples
D—Design parameter
See Section 14, “Characterization Measurement Conditions,” for each C-type parameter.
Unless otherwise stated, VCC = 5.0V, ambient temperature = 25°C, and video input is 1 Vp-p, with 10-step
grey scale and RF output into 75-
Ω load.
NOTE
Specifications only valid for envelope demodulation.
Table 20. High-Frequency Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
Type Notes
TVOUT output level
Output signal from modulator section
79
82
85
dB
µVB
1, 2
UHF oscillator frequency
460
880
MHz
A
VHF range
From UHF oscillator internally divided
45
460
MHz
B
TVOUT output attenuation
During transient output inhibit, or when
ATT bit is set to 1
65
75
dBc
B
1, 2
Sound subcarrier harmonics
(Fp
+ n × Fs)
Reference picture carrier
50
63
dBc
C
1
Second harmonic of chroma
subcarrier
Using red EBU bar
45
70
dBc
C
1
Chroma/sound intermodulation:
Fp
+ (Fsnd – Fchr)
Using red EBU bar
65
82
dBc
C
1
Fo (picture carrier) harmonics
2nd harmonic: CH21
38
50
dB
µVC
1,3
3rd harmonic: CH21
58
70
Other channels
2
Out-of-band (picture carrier)
spurious
1/2
× Fo – 1/4 × Fo – 3/2 × Fo – 3/4 ×
Fo
From 40 MHz to 1 GHz.
——
10
dB
µVC
1
In-band spurious (Fo at 5 MHz)
No video sound modulation.
65
75
dBc
C
1
Notes:
1. See Section 14, “Characterization Measurement Conditions.”
2. See Figure 3.
3. Picture carrier harmonics are highly dependent on PCB layout and decoupling capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com