Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC44BS373CAD
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BS373CAD Datasheet(HTML) 4 Page - Motorola, Inc

  MC44BS373CAD Datasheet HTML 1Page - Motorola, Inc MC44BS373CAD Datasheet HTML 2Page - Motorola, Inc MC44BS373CAD Datasheet HTML 3Page - Motorola, Inc MC44BS373CAD Datasheet HTML 4Page - Motorola, Inc MC44BS373CAD Datasheet HTML 5Page - Motorola, Inc MC44BS373CAD Datasheet HTML 6Page - Motorola, Inc MC44BS373CAD Datasheet HTML 7Page - Motorola, Inc MC44BS373CAD Datasheet HTML 8Page - Motorola, Inc MC44BS373CAD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
MC44BS373CA Data Sheet
MOTOROLA
Pin Descriptions
Pin Descriptions
3.2 QFN20 Package Pin Descriptions
The pins of the 20-pin package are listed in Table 2, along with a description of each.
Table 2. QFN20 Package Pin Descriptions
Pin
Name
Description
1
LOP
Logical output port controlled by I2C bus
2
CAS
Chip address selection (external pull-down resistor or open)
3XTAL
Crystal
4
GND
Ground
5
PREEM
Pre-emphasis capacitor
6
AUDIO
Audio input
7
SPLLFLT
Sound PLL loop filter
8
AUXIN
Sound auxiliary input (sound FM and AM modulators bypassed)
9
VIDEO
Video input
10
VCCA
Main analog supply voltage
11
NC
Not connected
12
GND
Analog ground
13
NC
Not connected
14
TVOUT
TV output signal
15
TVOVCC
TV output stage supply voltage
16
PLLFLT
RF PLL loop filter
17
VCCD
Digital supply voltage
18
GNDD
Digital ground
19
SCL
I2C clock
20
SDA
I2C data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com