Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 17 Page - Motorola, Inc

Part # MC44BS373CAD
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BS373CAD Datasheet(HTML) 17 Page - Motorola, Inc

Back Button MC44BS373CAD Datasheet HTML 13Page - Motorola, Inc MC44BS373CAD Datasheet HTML 14Page - Motorola, Inc MC44BS373CAD Datasheet HTML 15Page - Motorola, Inc MC44BS373CAD Datasheet HTML 16Page - Motorola, Inc MC44BS373CAD Datasheet HTML 17Page - Motorola, Inc MC44BS373CAD Datasheet HTML 18Page - Motorola, Inc MC44BS373CAD Datasheet HTML 19Page - Motorola, Inc MC44BS373CAD Datasheet HTML 20Page - Motorola, Inc MC44BS373CAD Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
MOTOROLA
MC44BS373CA Data Sheet
17
Characterization Measurement Conditions
Figure 5. Typical Audio Performance
14 Characterization Measurement Conditions
Table 23 shows the MC44BS373CA default configuration unless otherwise specified.
RF inputs/output into 75-
Ω load using a 75- to 50-Ω transformation. Video input 1 Vp-p. Audio
pre-emphasis circuit enabled.
Table 23. Device Default Configuration
Device Feature
Default Setting
Peak white clip
Enabled
UHF oscillator
On
Sound and video modulators
On
Sound subcarrier frequency
5.5 MHz
Sound oscillator
On
Sound PLL reference frequency
31.25 kHz
Logic output port
Low
Picture-to-sound carrier ratio
12 dB
System L
Disabled
Test pattern
Disabled
All test mode bits
Zero
Frequency
From channel 21 to 69
Table 24. Measurement Conditions
Device and Signal Set-Up
Measurement Set-Up
TVOUT Output Level
Video: 10-step grey scale
No audio
Measured picture carrier in dB
µV with the HP8596E spectrum analyzer
using a 75- to 50-
Ω transformation, all cable losses and transformation
pads having been calibrated.
Measurement used as a reference for other tests: TVout_Ref
FM Audio Weighted Signal to Noise
46
48
50
52
54
56
58
471
521
571
621
671
721
771
821
871
Frequency (Mhz)
Typical
Minimum specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com