Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 43Page - STMicroelectronics STPM32_V01 Datasheet HTML 44Page - STMicroelectronics STPM32_V01 Datasheet HTML 45Page - STMicroelectronics STPM32_V01 Datasheet HTML 46Page - STMicroelectronics STPM32_V01 Datasheet HTML 47Page - STMicroelectronics STPM32_V01 Datasheet HTML 48Page - STMicroelectronics STPM32_V01 Datasheet HTML 49Page - STMicroelectronics STPM32_V01 Datasheet HTML 50Page - STMicroelectronics STPM32_V01 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 121 page
background image
DS10272 Rev 8
47/121
STPM32, STPM33, STPM34
Theory of operation
121
Results of the calculated quantities are stored in the registers as:
ES1 = primary current channel apparent energy PH1 Apparent Energy[31:0]
S1RMS = primary current channel apparent RMS power PH1 Apparent RMS Power[28:0]
S1vec = primary current channel apparent vectorial power PH1 Apparent Vectorial
Power[28:0]
ES2 = secondary current channel apparent energy PH2 Apparent Energy[31:0]
S2RMS = primary current channel apparent RMS power PH2 Apparent RMS Power[28:0]
S1vec = primary current channel apparent vectorial power PH2 Apparent Vectorial
Power[28:0]
8.4.5
Sign of power
Power measurements are signed calculations. Negative power indicates that energy has
been injected into the grid. DSP_SR1, DSP_SR2 status registers and DSP_EV1, DSP_EV2
registers include sign indication bits for each calculated power.
If the sign of power is negative, the sign bit is set.
SIGN = 0: positive power
SIGN = 1: negative power
In the calculation of the sign, a delay equal to half line period is included.
If the period of signal is T = 20 ms (f = 50 Hz), the applied delay is 10 ms.
Figure 37. Power sign status bit delay
Power
Sign
t < T/2
t = T/2
t = T/2
GIPG2803141118LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com