Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 24Page - STMicroelectronics STPM32_V01 Datasheet HTML 25Page - STMicroelectronics STPM32_V01 Datasheet HTML 26Page - STMicroelectronics STPM32_V01 Datasheet HTML 27Page - STMicroelectronics STPM32_V01 Datasheet HTML 28Page - STMicroelectronics STPM32_V01 Datasheet HTML 29Page - STMicroelectronics STPM32_V01 Datasheet HTML 30Page - STMicroelectronics STPM32_V01 Datasheet HTML 31Page - STMicroelectronics STPM32_V01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 121 page
background image
Typical performance characteristics
STPM32, STPM33, STPM34
28/121
DS10272 Rev 8
Figure 16. Reactive energy error vs. current
gain=2x integrator off
Figure 17. Reactive energy error vs. current
gain=16x integrator off
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.01
0.1
1
10
100
Current Amplitude to full - scale ratio [%]
phi=+60°
phi=-60°
phi=+90°
phi=-90°
GIPG1403141132LM
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.01
0.1
1
10
100
Current amplitude to full -scale ratio [%]
phi=+60°
phi=-60°
phi=+90°
phi=-90°
GIPG1403141135LM
Figure 18. Reactive energy error vs. frequency
gain=2x integrator off
Figure 19. Reactive energy error vs. frequency
gain=16x integrator off
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
45
50
55
60
65
Frequency [Hz]
phi=+90°
phi=-90°
phi=+60°
phi=-60°
GIPG1403141137LM
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
45
50
55
60
65
Frequency [Hz]
phi=+90°
phi=-90°
phi=+60°
phi=-60°
GIPG1403141141LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com