Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 84Page - STMicroelectronics STPM32_V01 Datasheet HTML 85Page - STMicroelectronics STPM32_V01 Datasheet HTML 86Page - STMicroelectronics STPM32_V01 Datasheet HTML 87Page - STMicroelectronics STPM32_V01 Datasheet HTML 88Page - STMicroelectronics STPM32_V01 Datasheet HTML 89Page - STMicroelectronics STPM32_V01 Datasheet HTML 90Page - STMicroelectronics STPM32_V01 Datasheet HTML 91Page - STMicroelectronics STPM32_V01 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 121 page
background image
204
RW
DSP control register #3
dsp_cr3
000004E0
31
30 29 28 27 26 25 24 23 22 21 20 19 18 17 16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SAG_TIME_THR[13:0]
306
RW
PHC1[9:0]
PHC2[9:0]
dsp_cr4
00000000
408
RW
SAG_THR1 [9:0]
SWV_THR1 [9:0]
CHV1 [11:0]
dsp_cr5
003FF800
50A
RW
SWC_THR1 [9:0]
CHC1 [11:0]
dsp_cr6
003FF800
60C
RW
SAG_THR2 [9:0]
SWV_THR2 [9:0]
CHV2 [11:0]
dsp_cr7
003FF800
70E
RW
SWC_THR2 [9:0]
CHC2 [11:0]
dsp_cr8
003FF800
810
RW
OFAF1 [9:0]
OFA1 [9:0]
AH_UP1 [11:0]
dsp_cr9
00000FFF
912
RW
OFS1 [9:0]
OFR1 [9:0]
AH_DOWN1 [11:0]
dsp_cr10
00000FFF
Table 42. Register map (continued)
Row Address
(R)ead
(W)rite
(L)atch
Index
Names
Default
values
MSW [31:16]
LSW [15:0]
MSB [31:24]
LSB [23:16]
MSB [15:8]
LSB [7:0]
31:28
27:24
23:20
19:16
15:12
11:8
7:4
3:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com