Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 22Page - STMicroelectronics STPM32_V01 Datasheet HTML 23Page - STMicroelectronics STPM32_V01 Datasheet HTML 24Page - STMicroelectronics STPM32_V01 Datasheet HTML 25Page - STMicroelectronics STPM32_V01 Datasheet HTML 26Page - STMicroelectronics STPM32_V01 Datasheet HTML 27Page - STMicroelectronics STPM32_V01 Datasheet HTML 28Page - STMicroelectronics STPM32_V01 Datasheet HTML 29Page - STMicroelectronics STPM32_V01 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 121 page
background image
Terminology
STPM32, STPM33, STPM34
26/121
DS10272 Rev 8
6
Terminology
6.1
Conventions
The lowest analog and digital power supply voltage is named GND and represents the
system ground. All voltage specifications for digital input/output pins are referred to GND.
The highest power supply voltage is named VCC. The highest core power supply is internally
generated and is named VDDA. Positive currents flow to a pin. Sinking current means that
the current is flowing to the pin and it is positive. Sourcing current means that the current is
flowing out of the pin and it is negative. A positive logic convention is used in all equations.
6.2
Measurement error
The power measurement error is defined by the following equation:
Equation 1
All measurements come from the comparison with a higher class power (0.02% error) meter
reference. Output bitstream of modulator is indicated as bsV and bsC for voltage and
current channel respectively.
6.3
ADC offset error
This is the error due to DC component associated with the analog inputs of the A/D
converters. Due to the internal automatic DC offset cancellation, the STPM3x measurement
is not affected by DC components in voltage and current channel. DC offset cancellation is
implemented in DSP thanks to a dedicated HPF.
6.4
Gain error
The gain error is due to the signal channel gain amplifiers. This is the difference between
the measured ADC code and the ideal output code. The difference is expressed as
percentage of the ideal code.
Table 8. Convention table
Type
Convention
Example
Pins
All capitals
VDDA
Internal signal
All capitals are italic
VDDA
Configuration bit
All capitals are underlined
ROC1
Register name
All capitals are bold
DSP_CR1
e%
measuredpower truepower
–
truepower
-----------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com