Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 79Page - STMicroelectronics STPM32_V01 Datasheet HTML 80Page - STMicroelectronics STPM32_V01 Datasheet HTML 81Page - STMicroelectronics STPM32_V01 Datasheet HTML 82Page - STMicroelectronics STPM32_V01 Datasheet HTML 83Page - STMicroelectronics STPM32_V01 Datasheet HTML 84Page - STMicroelectronics STPM32_V01 Datasheet HTML 85Page - STMicroelectronics STPM32_V01 Datasheet HTML 86Page - STMicroelectronics STPM32_V01 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 121 page
background image
DS10272 Rev 8
83/121
STPM32, STPM33, STPM34
Application design and calibration
121
phase compensation can be set per each channel, and it is executed delaying the currents
and voltage samples using bits of the phase calibration configurators: PHCx[9:0] and
PHVx[1:0].
These registers act in the same way by delaying the desired waveform by a certain quantity
given from the equations below in degree:
A capacitive behavior is determined by the current leading the voltage waveform to a certain
angle. In this case, there is the compensation by delaying the current waveform by the same
angle through PHCx register. For a 50 Hz line the current channel waveform maximum
delayed is:
φC ≤ 4.6035° with step φC =0.0045°
An inductive behavior has the opposite effect, so that current lags the voltage waveform. In
this case, PHV register delays the voltage waveform by the minimum angle to invert the
behavior to capacitive and then acting on PHCx register for the fine tuning of the current
waveform.
PHV impacts on the calculation of power and energies related to both current channels. For
a 50 Hz line, the voltage channel waveform maximum delayed is:
φV≤ 6.912 ° with step φV = 2.304 °.
Table 39. Phase-delay
Parameter
Value
Current shift
Voltage shift
Global phase shift
fline
SCLK
----------------
PHCx 9:0
 PHVx 1:0
 2
9
–
 360

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com