Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 60Page - STMicroelectronics STPM32_V01 Datasheet HTML 61Page - STMicroelectronics STPM32_V01 Datasheet HTML 62Page - STMicroelectronics STPM32_V01 Datasheet HTML 63Page - STMicroelectronics STPM32_V01 Datasheet HTML 64Page - STMicroelectronics STPM32_V01 Datasheet HTML 65Page - STMicroelectronics STPM32_V01 Datasheet HTML 66Page - STMicroelectronics STPM32_V01 Datasheet HTML 67Page - STMicroelectronics STPM32_V01 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 121 page
background image
Theory of operation
STPM32, STPM33, STPM34
64/121
DS10272 Rev 8
Status interrupt register
When an event is detected, DSP sets the status register (DSP_SR1 and DSP_SR2) bits
that remain latched, even if the event ceases, until they are cleared to zero by a write
operation.
Table 22. Status register
Bit
Internal signal
Description
0
PH1+PH2 status(1)
Sign total active power
1
Sign total reactive power
2
Overflow total active energy
3
Overflow total reactive energy
4
PH2 IRQ status(1)
Sign secondary channel active power
5
Sign secondary active fundamental power
6
Sign secondary reactive power
7
Sign secondary apparent power
8
Overflow secondary channel active energy
9
Overflow secondary channel active fundamental energy
10
Overflow secondary channel reactive energy
11
Overflow secondary channel apparent energy
12
PH1 IRQ status
Sign primary channel active power
13
Sign primary channel active fundamental power
14
Sign primary channel reactive power
15
Sign primary channel apparent power
16
Overflow primary channel active energy
17
Overflow primary channel active fundamental energy
18
Overflow primary channel reactive energy
19
Overflow primary channel apparent energy
20
Cx IRQ status
Current sigma-delta bitstream stuck
21
AH1 - accumulation of current
22
Current swell detected
23
Current swell end
24
Vx IRQ status
Voltage sigma-delta bitstream stuck
25
Voltage period error
26
Voltage sag detected
27
Voltage sag end
28
Voltage swell detected
29
Voltage swell end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com