Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 30Page - STMicroelectronics STPM32_V01 Datasheet HTML 31Page - STMicroelectronics STPM32_V01 Datasheet HTML 32Page - STMicroelectronics STPM32_V01 Datasheet HTML 33Page - STMicroelectronics STPM32_V01 Datasheet HTML 34Page - STMicroelectronics STPM32_V01 Datasheet HTML 35Page - STMicroelectronics STPM32_V01 Datasheet HTML 36Page - STMicroelectronics STPM32_V01 Datasheet HTML 37Page - STMicroelectronics STPM32_V01 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 121 page
background image
Theory of operation
STPM32, STPM33, STPM34
34/121
DS10272 Rev 8
Figure 24. Analog front end internal scheme
PLNA uses the chopping technique to cancel the intrinsic offset of the amplifier.
A dedicated block generates chopper frequencies for voltage and current channels.
The amplified signals are fed to the 2nd order sigma-delta modulator.
The analog-to-digital conversion in the STPM3x is carried out using four 2nd order sigma-
delta converters. A pseudo-random block generates pseudo-random signals for voltage and
current channels. These random signals implement the dithering technique in order to de-
correlate the output of the modulators and avoid accumulation points on the frequency
spectrum. The device performs A/D conversions of analog signals on four independent
channels in parallel.
Figure 25. Block diagram of the modulator
IIPx
IINx
VIPx
VINx
2
order
ΣΔ
modulator
PLNA
GAINx [1:0]
DFE
bsV
bsC
2
order
ΣΔ
modulator
nd
nd
GIPG1303141321LM
∫
∫
D/A
a1
a2
1st integrator
2nd integrator
comparator
input
Dithering
-
-
stream out
GIPG1303141326LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com