Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 48Page - STMicroelectronics STPM32_V01 Datasheet HTML 49Page - STMicroelectronics STPM32_V01 Datasheet HTML 50Page - STMicroelectronics STPM32_V01 Datasheet HTML 51Page - STMicroelectronics STPM32_V01 Datasheet HTML 52Page - STMicroelectronics STPM32_V01 Datasheet HTML 53Page - STMicroelectronics STPM32_V01 Datasheet HTML 54Page - STMicroelectronics STPM32_V01 Datasheet HTML 55Page - STMicroelectronics STPM32_V01 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 121 page
background image
Theory of operation
STPM32, STPM33, STPM34
52/121
DS10272 Rev 8
With an AC input signal:
Equation 10
The LP filter cuts the 2nd harmonic component of input signal multiplying it by a dumping
factor α:
Equation 11
R result is a DC signal plus the 2nd harmonic ripple with the amplitude of α/2.
For dumping factor | α |<<1:
Equation 12
RMS updated values are available in DSP_REG14 and DSP_REG15 registers every
128 μs.
Raw ADC samples are also available for post-processing by MCU in registers from
DSP_REG2 to DSP_REG9.
By taking into account the internal parameters in Table 13 and the analog front end
components in Table 14, LSB values of voltage and current registers are the following:
Table 15. STPM3x current voltage LSB values
Parameter
Value
Voltage RMS LSB value
Current RMS LSB value
Instantaneous voltage normalized
RA 1 
2
t

cos
–
2
--------------------------------------
A
2
------- 1 
2
---
t

cos
–


=
R
A
2
-------
LSBVRMS
Vref 1R1 R2
+

calV AV 2
15

-----------------------------------------------
=
V

LSBIRMS
Vref
calI AI 2
17 k
 S kint

---------------------------------------------------------
=
A

vn
 V
norm
1
–
 2
23 vn
 23
 vn
 22:0

+

2
23
---------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com