Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 26Page - STMicroelectronics STPM32_V01 Datasheet HTML 27Page - STMicroelectronics STPM32_V01 Datasheet HTML 28Page - STMicroelectronics STPM32_V01 Datasheet HTML 29Page - STMicroelectronics STPM32_V01 Datasheet HTML 30Page - STMicroelectronics STPM32_V01 Datasheet HTML 31Page - STMicroelectronics STPM32_V01 Datasheet HTML 32Page - STMicroelectronics STPM32_V01 Datasheet HTML 33Page - STMicroelectronics STPM32_V01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 121 page
background image
Theory of operation
STPM32, STPM33, STPM34
30/121
DS10272 Rev 8
8
Theory of operation
8.1
General operation description
The STPM3x product family measures up to two line voltages and two line currents to
perform active, reactive and apparent power and energy, RMS and instantaneous values,
and line frequency information measurement of a single, split or poly-phase metering
system.
The STPM3x generates up to two independent train pulse output signals proportional to the
active, reactive, apparent or cumulative power. It also generates up to two programmable
interrupt output signals.
The internal register map and the configuration registers can be accessed by SPI or UART
interface.
The STPM3x converts analog signals, through four independent channels in parallel via
sigma-delta analog-to-digital converters, into a binary stream of sigma-delta signals with the
appropriate not overlapped control signal generator.
This technique fits to measure electrical line parameters (voltage and current) via analog
signals from voltage sensors and current sensors (inductive Rogowski coil, current
transformer or shunt resistors). Current channel inputs are connected, through external anti-
aliasing RC filter, to a Rogowski coil or current transformer (CT) or shunt current sensor
which converts line current into the appropriate voltage signal. Each current channel
includes a low-noise voltage preamplifier with a programmable gain. Voltage channels are
connected to a line voltage modulator (ADC). All channels have quiescent zero signal point
on GND, so the STPM3x samples differential signals on both channels with their zero point
around GND.
The converted sigma-delta signals feed an internal decimation filter stage that decimates
4 MHz bitstreams of a factor 512 allowing a 3.6 kHz bandwidth at -3 dB. The 24-bit voltage
and current data feed an internal configurable filtering block and the hardwired DSP that
performs the final computation of metrology quantities.
The STPM3x also includes two programmable temperature compensated bandgap
reference voltage generators and low drop supply voltage regulator. All reference voltages
are designed to eliminate the channel crosstalk.
The mode of operation and configuration of the device can be selected by dedicated
configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com