Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 59Page - STMicroelectronics STPM32_V01 Datasheet HTML 60Page - STMicroelectronics STPM32_V01 Datasheet HTML 61Page - STMicroelectronics STPM32_V01 Datasheet HTML 62Page - STMicroelectronics STPM32_V01 Datasheet HTML 63Page - STMicroelectronics STPM32_V01 Datasheet HTML 64Page - STMicroelectronics STPM32_V01 Datasheet HTML 65Page - STMicroelectronics STPM32_V01 Datasheet HTML 66Page - STMicroelectronics STPM32_V01 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 121 page
background image
DS10272 Rev 8
63/121
STPM32, STPM33, STPM34
Theory of operation
121
Table 21. Live events
Bit
Internal signal
Description
0
PH1+PH2 events(1)
1. Valid for the STPM33 and STPM34 only.
Sign total active power
1
Sign total reactive power
2
Overflow total active energy
3
Overflow total reactive energy
4
PHx events
Sign active power
5
Sign active fundamental power
6
Sign reactive power
7
Sign apparent power
8
Overflow active energy
9
Overflow active fundamental energy
10
Overflow reactive energy
11
Overflow apparent power
12
Cx events
Current zero-crossing
13
Current sigma-delta bitstream stuck
14
Current AH accumulation
15
Current swell event history
16
17
18
19
Vx events
Voltage zero-crossing
20
Voltage sigma-delta bitstream stuck
21
Voltage period error (out of range)
22
Voltage swell event history
23
24
25
26
Voltage sag event history
27
28
29
30
-
Reserved
31
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com