Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 10Page - STMicroelectronics STPM32_V01 Datasheet HTML 11Page - STMicroelectronics STPM32_V01 Datasheet HTML 12Page - STMicroelectronics STPM32_V01 Datasheet HTML 13Page - STMicroelectronics STPM32_V01 Datasheet HTML 14Page - STMicroelectronics STPM32_V01 Datasheet HTML 15Page - STMicroelectronics STPM32_V01 Datasheet HTML 16Page - STMicroelectronics STPM32_V01 Datasheet HTML 17Page - STMicroelectronics STPM32_V01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 121 page
background image
Pin configuration
STPM32, STPM33, STPM34
14/121
DS10272 Rev 8
Table 2. STPM34, STPM33, STPM32 pin description
STPM34 STPM33 STPM32
Name
Description and
multiplexed function
Voltage range
Functional
section
11
1
CLKOUT/Z
CR
-Zero-crossing output
-System clock output
From 0 to VCC
Multifunctional
22
2
CLKIN/XTA
L2
-Input of external clock
-External crystal input 2
From 0 to VCC
Oscillator
3
3
3
XTAL1
-External crystal input 1
From 0 to VCC
Oscillator
4
4
4
LED1
-Pulse output 1
-Primary current SD
bitstream
From 0 to VCC
Multifunctional
5
5
5
LED2
-Pulse output 2
-Secondary current SD
bitstream
From 0 to VCC
Multifunctional
6
6
6
INT1
-Interrupt 1
-Primary voltage SD
bitstream
From 0 to VCC
Multifunctional
7
7
-
INT2
-Interrupt 2
-Secondary voltage SD
bitstream
From 0 to VCC
Multifunctional
8
8
7
EN
Enable pin
From 0 to VCC
Signal
9
9
8
VIP1
Positive voltage primary
input
From -0.3 V to 0.3 V
Signal
10
10
9
VIN1
Negative voltage primary
input
From -0.3 V to 0.3 V
Signal
11
11
10
IIP1
Positive current primary input From -0.3 V to 0.3 V
Signal
12
12
11
IIN1
Negative current primary
input
From -0.3 V to 0.3 V
Signal
13
13
-
IIN2
Negative current secondary
input
From -0.3 V to 0.3 V
Signal
14
14
-
IIP2
Positive current secondary
input
From -0.3 V to 0.3 V
Signal
15
-
-
VIN2
Negative voltage secondary
input
From -0.3 V to 0.3 V
Signal
16
-
-
VIP2
Positive voltage secondary
input
From -0.3 V to 0.3 V
Signal
17
17
12
VREF1
Output of voltage reference 1 From 1.16 V to 1.18 V
Power
18
18
13
GND_REF Analog ground of VREF
-
Power
19
19
-
VREF2
Output of voltage reference 2 From 1.16 V to 1.18 V
Power
20
20
14
GNDA
Analog ground (shield)
-
Power
21
21
15
VDDA
Output of voltage regulator
3.0 V
Power
22
22
16
GND_REG Ground
-
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com