Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 57Page - STMicroelectronics STPM32_V01 Datasheet HTML 58Page - STMicroelectronics STPM32_V01 Datasheet HTML 59Page - STMicroelectronics STPM32_V01 Datasheet HTML 60Page - STMicroelectronics STPM32_V01 Datasheet HTML 61Page - STMicroelectronics STPM32_V01 Datasheet HTML 62Page - STMicroelectronics STPM32_V01 Datasheet HTML 63Page - STMicroelectronics STPM32_V01 Datasheet HTML 64Page - STMicroelectronics STPM32_V01 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 121 page
background image
DS10272 Rev 8
61/121
STPM32, STPM33, STPM34
Theory of operation
121
Tamper circuit works if energies associated with the two current channels are both positive
or negative, if two energies have different sign, a warning flag “TAMPER OR WRONG” in
DSP_SR1 or DSP_SR2 is set.
The channel with higher energy is signaled by PHx TAMPER status bit in DSP_SR1 or
DSP_SR2.
When internal signals are not good enough to perform the calculations, for example line
period is out or range or sigma-delta signals from analog section are stuck at high or low
logic level, the tamper module is disabled and its state is set to normal.
8.4.12
AH accumulation
In this particular tamper, the neutral wire is disconnected from the meter and the STPM3x
does not sense the voltage anymore, while it keeps sensing the current information. In these
conditions, AH accumulator can be used by the microcontroller to regularly calculate the
billing based on a nominal voltage value due to the following equation:
Equation 18
Energy = AH_ACC[31:0]·LSBAH_ACC·VNOM [Wh]
If voltage is too low (sag event detected) or period is wrong (PER_ERR = 1) and RMS value
of current is high enough, RMS current is accumulated in the register AH_ACC[31:0]. Value
in PHx AH_ACC[31:0] register is increased with a DCLK frequency.
Figure 45. AH accumulation block
The accumulation of current values is controlled by AH status bit. AH bit is set when
PER_ERR = 1 and real values of current overcome an upper threshold set in AH_UPx[11:0]
in DSP_CR9 and DSP_CR11. This bit is cleared when RMS current drops below
AH_DOWNx[11:0] threshold in DSP_CR10 and DSP_CR12.
To stabilize the current accumulation, SAG event should be monitored by setting some
thresholds in the related register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com