Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11D Datasheet(PDF) 58 Page - Omron Electronics LLC

Part # H7CC-R11D
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11D Datasheet(HTML) 58 Page - Omron Electronics LLC

Back Button H7CC-R11D Datasheet HTML 54Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 55Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 56Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 57Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 58Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 59Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 60Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 61Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 62Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
H7CC-R
@
58
Output Mode Settings
Models Other Than H7CC-R11W
@ in Tachometer Mode
Models Other Than H7CC-R11W
@ in AMD-compatible Mode
Note: If time “a” is exceeded during operation, the output will turn ON. If time “b” is
exceeded during operation, the output will turn OFF. (If average processing is
enabled, the output operation will be performed when the time is exceeded once.)
H7CC-R11W
@
Precautions for the H7CC-R
In upper and lower limit output mode, if the comparison value setting is such that comparison value 1
≥ comparison value 2, the output will always be ON.
Output mode
setting
Operation
Upper and
lower limit
ON condition: Measurement value
≤ Comparison value 1 or
Measurement value
≥ Comparison value 2
Note: When comparison value 1
≥ Comparison value 2, the
output is always ON regardless of the comparison value.
Area
Upper limit
ON condition: Measurement value
≥ Comparison value
Lower limit
ON condition: Measurement value
≤ Comparison value
OUT
Measurement
value
Comparison value 2
(Upper-limit)
Comparison value 1
(Lower-limit)
Condi-
tion
Comparison value 1
≤
Comparison value 2
Comparison value 1 >
Comparison value 2
ON con-
dition
Comparison value 1
≤
measurement value
≤
Comparison value 2
Comparison value 2
≤
measurement value
≤
Comparison value 1
OUT
Measurement
value
Comparison
value 2
Comparison
value 1
OUT
Comparison value
(Upper-limit)
Measurement value
OUT
Measurement value
Comparison value
(Lower-limit)
Output mode
setting
Operation
Upper and
lower limit
ON condition: Measurement value < Comparison value 1 or
Measurement value
≥ Comparison value 2
Note: When comparison value 1
≥ comparison value 2, the
output is always ON regardless of the comparison value.
Area
Upper limit
ON condition: Measurement value
≥ Comparison value
Lower limit
ON condition: Measurement value < Comparison value
OUT
Measurement
value
Comparison value 2
(Upper-limit)
Comparison value 1
(Lower-limit)
a
Condi-
tion
Comparison value 1
≤
Comparison value 2
Comparison value 1 >
Comparison value 2
ON con-
dition
Comparison value 1
≤
measurement value
<
Comparison value 2
Comparison value 2
≤
measurement value
<
Comparison value 1
OUT
Measurement
value
Comparison
value 2
Comparison
value 1
b
a
OUT
Comparison value
(Upper-limit)
Measurement value
b
Measurement value
Comparison value
(Lower-limit)
OUT
Output mode setting
Operation
Upper limit (HI)
Lower limit (LO)
OUT1
CP1 display
value
Comparison
value 1
OUT2
CP2 display
value
Comparison
value 2
ON condition for output 1: CP1 present value (display value) ≥ Comparison value 1
ON condition for output 2: CP2 present value (display value) ≥ Comparison value 2
Output 1
Output 2
OUT1
CP1
display value
Comparison
value 1
OUT2
CP2
display value
Comparison
value 2
ON condition for output 1: CP1 present value (display value)
≤ Comparison value 1
ON condition for output 2: CP2 present value (display value)
≤ Comparison value 2
Output 1
Output 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com