Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11D Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # H7CC-R11D
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11D Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button H7CC-R11D Datasheet HTML 14Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 15Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 16Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 17Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 18Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 19Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 20Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 21Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
18
H7CC-A
@
Counter
Explanation of Functions
I/O Functions for Counter Operation
Input Mode (cntm)
Set increment mode (UP), decrement mode (DOWN), or one of the
increment/decrement modes (UP/DOWN A, UP/DOWN B, or UP/
DOWN C, UP/DOWN D, UP/DOWN E, or UP/DOWN F) as the input
mode.
(For details on the operation of the input modes, refer to Input Modes
and Present Value
on page 22.)
Dual Count Calculating Mode ( calm)
When using as a dual counter, select either ADD (addition) or SUB
(subtraction) as the calculation method for the dual count value.
ADD: Dual count value = CP1 PV + CP2 PV
SUB: Dual count value = CP1 PV
− CP2 PV
Output Mode (outm)
Set the way that control output for the present value is output. The
possible settings are N, F, C, R, K-1, P, Q, A, K-2, D, L, and H.
The output modes that can be set vary with the model.
(For details on the operation of the output modes, refer to Input/
Output Mode Settings
on page 24.)
One-shot Output Time (otim)
Set the one-shot output time (0.01 to 99.99 s) for control output.
One-shot output can be used only when C, R, K-1, P, Q, A, or K-2 is
selected as the output mode.
One-shot Output 2 Time (otm2)
Set the one-shot output time (0.01 to 99.99 s) for control output
(OUT2).
One-shot output can be used only when C, R, K-1, P, Q, A, or K-2 is
selected as the output mode.
One-shot Output 1 Time (otm1)
Set the one-shot output time (0.01 to 99.99 s) for control output
(OUT1).
One-shot output can be used only when the mode other than D, L,
and H is selected as the output mode.
If the output time is set to 0.00, hold is displayed, and outputs are
held.
Counting Speed (cnts)
Set the maximum counting speed (30 Hz/5 kHz) for CP1 and CP2
inputs together.
If contacts are used for input signals, set the counting speed to 30 Hz.
Processing to eliminate chattering is performed for this setting.
Reset Input Signal Width (iflt)
Set the reset input signal width (20 ms/1 ms) for reset/reset 1 and total
reset/reset 2 inputs together.
If contacts are used for the input signal, set the input signal width to
20 ms. Processing to eliminate chattering is performed for this setting.
Decimal Point Position (dp)
Decide the decimal point position for the present value, CP1/CP2
present values, set value (SV1, SV2), total count value, and dual
count set value.
Prescale Value (pscl)
Pulses input to the counter are converted according to the specified
prescale value.
(Setting range: 0.001 to 99.999)
Example: To display the feed distance for systems that output 25
pulses for a feed length of 0.5 m in the form
@@.@@ m:
1. Set the decimal point position to 2 decimal places.
2. Set the prescale value to 0.02 (0.5
÷ 25).
• Observe the following points when setting a prescale value.
Set the set value to a value less than {Maximum countable value
− Prescale value}.
Example: If the prescale value is 1.25 and the counting range is
0.000 to 999.999, set the set value to a value less than 998.749
(= 999.999
− 1.25).
If the set value is set to a value greater than this, output will not turn
ON.
• Output will turn ON, however, if a present value overflow occurs
(FFFFFF).
NPN/PNP Input Mode (imod)
Select either NPN input (no-voltage input) or PNP input (voltage
input) as the input format. When using a two-wire sensor, select NPN
input.
The same setting is used for all external inputs.
For details on input connections, refer to Input Connections on page
9.
25 pulses
Encoder
0.5 m
Note: If the prescale value setting is incorrect, a counting error will
occur. Check that the settings are correct before using this
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com