Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11D Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # H7CC-R11D
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11D Datasheet(HTML) 4 Page - Omron Electronics LLC

  H7CC-R11D Datasheet HTML 1Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 2Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 3Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 4Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 5Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 6Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 7Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 8Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
H7CC
4
Accessories (Order Separately)
Soft Cover
Hard Cover
Flush Mounting Adapter
Waterproof Packing
Connection Sockets
Terminal Covers for P3GA-11 Back-connecting Socket
Model
Remarks
Page
Y92A-48F1
---
12
Model
Remarks
Page
Y92A-48
---
12
Model
Remarks
Page
Y92F-30
Included with models with screw
terminals.
12
Y92F-45
Use this Adapter to install the Counter/
Tachometer in a cutout previously made
for a DIN 72
× 72 mm device (panel
cutout: 68
× 68 mm).
Model
Remarks
Page
Y92S-P6
Included with models with screw
terminals.
12
Model
Classification
Connectable Counter/
Tachometers
Remarks
Page
P2CF-08
Front-connecting Socket
H7CC-
@8
---
13
P2CF-08-E
Front-connecting Socket
(Finger-safe Type)
Round crimp terminals cannot be used on
Finger-safe Sockets.
Use forked crimp terminals.
P3GA-08
Back-connecting Sockets
A Y92A-48G Terminal Cover can be used with
the Socket to create a finger-safe construction.
P2CF-11
Front-connecting Socket
H7CC-
@11
---
P2CF-11-E
Front-connecting Socket
(Finger-safe Type)
Round crimp terminals cannot be used on
Finger-safe Sockets.
Use forked crimp terminals.
P3GA-11
Back-connecting Sockets
A Y92A-48G Terminal Cover can be used with
the Socket to create a finger-safe construction.
Model
Remarks
Page
Y92A-48G
---
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com