Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11D Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # H7CC-R11D
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11D Datasheet(HTML) 1 Page - Omron Electronics LLC

  H7CC-R11D Datasheet HTML 1Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 2Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 3Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 4Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 5Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 6Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 7Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 8Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
1
Digital Counter/Tachometer
H7CC
New and improved design for easier use,
programming, maintenance and user feedback
The improved user interface is intuitive and
offers better overall visibility. Replacement
time notification function notifies the user of
potential preventive maintenance
Basic Features
• The white-color display offers better visual clarity and visibility, and the color universal
design is used.
• Up/Down Keys are provided for all six digits, which reduces the number of button
operations during setup and other processes.
• An easy operation is realized by the operation guide on which each key lights up.
• The progress can be easily understood at one glance from the status indicators
of the present value and the measurement value.
• The body depth of all models with screw terminals has been reduced to 59 mm.
Safety and Reliability
• The replacement time is notified in advance by predicting the service life.
• The power supply circuit and input circuits are isolated in all models, and therefore, there is no need of any wiring restrictions.
Other Features
• Follows the ratings, characteristics, and functionality of the H7CX-N.
• Equipped with the Output Allocation and Output ON/OFF Inversion Function.
• Equipped with a Memory Backup and H7AN Compatibility Function to facilitate problem-free conversion from H7CN/H7AN.
Features
Basic Features
Better visual feedback and operation
The white-color display offers better visual clarity and visibility, and
the color universal design is used. The keys of all six digits can be
operated up/down for easier use. The LED indicator of the operable
keys lights up to support setup.
Status Notification by Status Indicator
The status can be indicated by the ratio of the present value or measurement
value to the set value, which makes it easy to understand the status.
Shortened Body
The body depth of all models with screw terminals has been reduced
to 59 mm, which contributes to thinner control panels!
Safety and Reliability
Notification of Replacement Time
The service life prerequisites of the counter include the relay output
count and the deterioration of the electrolytic capacitors. In the H7CC,
in addition to the relay output count, an alarm is displayed when the
deterioration of electrolytic capacitors due to the cumulative run time
reaches the standard value, and planned maintenance is supported.
Note: For details, refer to Replacement Time Notification Function on
pages 41 and 57.
Isolated Power Supply and Input Circuits
In all models, the power supply circuit and input circuits are isolated.
Previous non-isolated counters had wiring restrictions and could be
damaged if wired incorrectly. The H7CC removes these worries.
Refer to Safety Precautions page 61.
For the most recent information on models that
have been certified for safety standards, refer to
your OMRON website.
Simplified operation
by the Up/Down Keys
for all six digits
The operable keys
light up to support setup
Color universal
design is used
White-color
display
improves visibility
Three indicators light up
when the status reaches 50%
All indicators light up
when the status reaches 100%
Models with Screw Terminals: 59 mm
Models with Sockets:
63.7 mm (case dimension)
New models
Previous
models
Relationship between the life expectancy of
electrolytic capacitors and temperature (Example)
a
35
45
55
Temperature (°C)
10°C
a
2
The service life reduces to half
when the temperature rises to
10°C.
H7CC
Input
terminal
0V
terminal
COM terminal
-V
+V
DC stabilized
power supply
There is no sneak current
from wires because of
transformer-type power supply.
* Grounding of
AC power supply
implies grounding
at the commercial
power supply side.
AC power
supply
*
PLC or
other output terminals


Similar Part No. - H7CC-R11D

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
H7C-2E FOX-H7C-2E Datasheet
66Kb / 1P
5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3 FOX-H7C-2E3 Datasheet
60Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3LF FOX-H7C-2E3LF Datasheet
168Kb / 1P
Tri-State Enable/Disable 3.3V Oscillator
H7C-2E3R FOX-H7C-2E3R Datasheet
60Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3RLF FOX-H7C-2E3RLF Datasheet
168Kb / 1P
Tri-State Enable/Disable 3.3V Oscillator
More results

Similar Description - H7CC-R11D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7CX-X-N OMRON-H7CX-X-N Datasheet
5Mb / 56P
Multifunction Counter/Tachometer
logo
Pepperl+Fuchs Inc.
KC-LCDC-48-2R-24VDC PF-KC-LCDC-48-2R-24VDC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KC-LCDC-48-2R-230VAC PF-KC-LCDC-48-2R-230VAC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KC-LCDC-48-2T-24VDC PF-KC-LCDC-48-2T-24VDC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KC-LCDC-48-6T-230VAC PF-KC-LCDC-48-6T-230VAC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KC-LCDL-48-2R-24VDC PF-KC-LCDL-48-2R-24VDC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KCT-6S-C PF-KCT-6S-C Datasheet
1Mb / 2P
Timer, Counter, Tachometer
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
Counter/Timer/Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com