Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11D Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # H7CC-R11D
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11D Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button H7CC-R11D Datasheet HTML 12Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 13Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 14Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 15Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 16Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 17Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 18Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 19Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
16
H7CC-A
@
Counter
*7
Note: Not displayed when the H7AN compatibility function is ON.
Note: Not displayed when the H7AN compatibility function is ON.
* The display shows 5 kHz, but the maximum
counting speed is 10 kHz.
Note: Displayed only when the output mode is
C, R, K-1, P, Q, A, or K-2.
Note: Displayed only when the
output mode is C, R, K-1,
P, Q, A, or K-2.
Note: Displayed for output modes
other than D, L, and H.
HOLD cannot be set when
the output mode is K-2.
*7 Set each digit using the individual
UP1 to UP4 Keys (DW1 to DW4 Keys).
*7 Set each digit using the individual
UP1 to UP4 Keys (DW1 to DW4 Keys).
* Use UP1+UP3 to move up and
DW1+DW3 to move down
(1 ms)
(20 ms)
(30 Hz)
(5 kHz)
*
(0.50 s) (99.99 s)
(0.01 s)
(0.50 s) (99.99 s)
(0.01 s)
(99.999)
(1.000)
(0.001)
(0.50 s)
(99.99 s)
(0.01 s)
*
*
*
*
*
*
*
*
*
(OFST)
(ABS)
Note: Displayed only when the configuration selection mode is set
to the 2-stage counter
2cnt and there is a forecast value setting.
Note: Displayed only when the configuration selection
mode is set to the 2-stage counter
2cnt.
*
*
*
*
Note: Displayed only when the output mode is
bcnt
To
next page
From
next page
Output
time
(OTIM)
NPN/PNP
input mode
(IMOD)
Prescale
value
(PSCL)
Counting
speed
(CNTS)
Reset input
signal width
(IFLT)
Decimal
point position
(DP)
(No decimal
point)
(One digit after
decimal point)
(Two digits after
decimal point)
(Three digits after
decimal point)
(PNP input)
(NPN input)
When using as a 2-stage preset counter
One-shot
output 2
time
(OTM2)
One-shot
output 1
time
(OTM1)
(0.01 s) (99.99 s)
(Outputs held)
Note: Displayed only when the
output mode is C, R, K-1,
P, Q, A, or K-2.
When using as a batch counter
One-shot
output 2
time
(OTM2)
• Set the counting speed using the UP1 Key (DW1 Key).
• Set the Reset input signal width using the UP1 Key (DW1 Key).
• Set the decimal point position using the UP1 Key (DW1 Key).
• Set each digit using the individual
UP1 to UP4 Keys (DW1 to DW4 Keys).
• Set each digit using the individual UP1 Key (DW1 Key).
• Set the NPN/PNP input mode using the UP1 Key (DW1 Key).
------
-----.-
----.--
---.---
0.01
99.99
0.50
30h
1 s
0.001
99.999
1.000
pnp
npn
20 s
0.50
hold 0.01 99.99
0.01 0.50 99.99
0.01
99.99
0.50
0.01
99.99
0.50
0.01
99.99
(999999)
(1)
999999
1
(999999)
(1)
999999
1
ofst
abs
(999999)
(1)
999999
1
From previous
page
To previous
page
If the output time is 0.00,
hold is displayed.
Note:Displayed only when the
output mode is C, R, K-1, P,
Q, or A.
Note:Displayed only when the
output mode is C, R, K-1, P,
Q, or A.
(0.50 s) (99.99 s)
(0.01 s)
Twin Counter
Output 2
output
time
(OTM2)
Output 1
output
time
(OTM1)
(0.50 s) (99.99 s)
(0.01 s)
• Make the absolute value setting and forecast setting using
the UP1 Key (DW1 Key).
Absolute value
setting/forecast
value setting
(SETM)
• Set each digit using the individual UP1 to UP6 Keys (DW1 to DW6 Keys).
• Set each digit using the individual UP1 to UP6 Keys (DW1 to DW6 Keys).
• Set each digit using the individual UP1 to UP6 Keys (DW1 to DW6 Keys).
Forecast
setting
upper limit
(PL-H)
Set value
upper limit
(SL-H)
Batch count
upper limit
(BL-H)
0.50
otm2
0.50
otm2
hold
otm1
0.50
otm2
0.50
otm1
0.50
otim
30hz
cnts
999999
sl-h
1
pl-h
999999
bl-h
abs
setm
npn
imod
1.000
pscl
------
dp
20m5
iflt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com