Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11D Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # H7CC-R11D
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11D Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button H7CC-R11D Datasheet HTML 28Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 29Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 30Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 31Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 32Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 33Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 34Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 35Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
32
H7CC-A
@
tachometer
(MV)
(SMP)
Note: OFF: Output 1 (OUT1) = 12, 13 Output 2 (OUT2) = 3, 4, 5/
ON: Output 1 (OUT1) = 3, 4, 5 Output 2 (OUT2) = 12, 13 (The numbers are the terminals numbers.)
Note: The position of the decimal point for the value after prescaling will be set
according to the decimal point position setting.
Note: The position of the decimal point for the value after prescaling will be set
according to the decimal point position setting.
* Use UP1+UP3 to move up and
DW1+DW3 to move down
(99.999)
(1.000)
(0.001)
*
*
*
*
*
*
*
*
*
*
*
*
*
(OFF)
(KP-1)
(KP-2)
(KP-3)
(KP-4)
(KP-5)
(KP-6)
(KP-7)
Output
allocation
(OTST)
To
next page
From
next page
(99.9 s)
(0.0 s)
(No average
processing)
(Average of 2
measurements)
(Average of 4
measurements)
(Average of 8
measurements)
(Average of 16
measurements)
(Simple
averaging)
(Moving
average)
(999.9 s)
(0.1 s)
(PNP input)
(NPN input)
(Enabled)
(Disabled)
(19.99 s)
(0.00 s)
0.001
smp
mv
off
0.1
999.9
0.0
99.9
24
8
16
1.000
99.999
npn
pnp
(99999)
(0)
99999
0
(999999)
999999
(1)
1
on
off
19.99
0.00
(ON)
on
off
kp-1
kp-2
kp-3
kp-4
kp-5
kp-6
kp-7
• Set the output allocation using the UP1 Key (DW1 Key).
From previous
page
To previous
page
Key protect
level
(KYPT)
• Set the key protect level using the UP1 Key (DW1 Key).
Auto-zero
time
(AUT00)
Startup time
(STMR)
Average
processing
(AVGN)
Prescale
value
(PSCL)
Averaging
method
(AVGT)
• Set each digit using the individual UP1 to UP5 Keys (DW1 to DW5 Keys).
• Set the averaging method using the UP1 Key (DW1 Key).
• Set the number of averaging times using the UP1 Key (DW1 Key).
• Set each digit using the individual UP1 to UP4 Keys (DW1 to DW4 Keys).
• Set each digit using the individual UP1 to UP3 Keys (DW1 to DW3 Keys).
• Set the NPN/PNP input mode using the UP1 Key (DW1 Key).
NPN/PNP
input mode
(IMOD)
Peak/bottom
hold enabled
(DHLD)
Output
hysteresis
(HYS)
Output OFF
delay
(OFFD)
Set value
upper limit
(SL-H)
• Enable or disable the peak/bottom hold using the UP1 Key (DW1 Key).
• Set the output hysteresis using the UP1 to UP5 Keys (DW1 to DW5 Keys).
• Set each digit using the individual UP1 to UP4 Keys (DW1 to DW4 Keys).
• Set each digit using the individual UP1 to UP6 Keys (DW1 to DW6 Keys).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com