Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11D Datasheet(PDF) 44 Page - Omron Electronics LLC

Part # H7CC-R11D
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11D Datasheet(HTML) 44 Page - Omron Electronics LLC

Back Button H7CC-R11D Datasheet HTML 40Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 41Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 42Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 43Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 44Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 45Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 46Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 47Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 48Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
H7CC-R
@
44
Connections
Terminal Arrangement
* The hold function is the same whichever terminal is connected.
Terminals are not connected internally, and so do not use them for
cross-over wiring.
* OUT1/OUT2 can be switched during output allocation.
Block Diagram
Input Circuits
Count and Hold Inputs
6
7
8
9
10
11
1
2
3
4
5
OUT
0 V
(
+)
(
−)
(
−)
(
+)
Sensor
12 VDC
External
power supply
Internal circuit
Count
Hold
Hold
Hold
*
*
*
H7CC-R11
H7CC-R11D
6
7
8
9
10
11
1
2
3
4
5
OUT1
*
OUT2
*
0 V
(
)
(
)
(
)
(
)
Sensor
12 VDC
External
power supply
Internal circuit
Internal circuit
Count 1
Count 2
H7CC-R11W
H7CC-R11WD
No-voltage Inputs
(NPN Inputs)
Voltage Inputs
(PNP Inputs)
Output circuit
Display circuit
Input circuits
(Basic insulation)
(Basic insulation)
(Basic insulation)
Internal
control circuit
Power supply
circuit
Key switch
circuit
Internal
circuit
+14V
1 k
:
IN
Approx. 4.7 k
:
Internal
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com