Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11D Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # H7CC-R11D
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11D Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button H7CC-R11D Datasheet HTML 13Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 14Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 15Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 16Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 17Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 18Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 19Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 20Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
17
H7CC-A
@
Counter
*8
• Set the output allocation using the UP1 Key (DW1 Key).
Set the output inversion using the UP1 Key (DW1 Key).
• Set the memory backup using the
UP1 Key (DW1 Key).
• Set the H7AN compatibility function
using the UP1 Key (DW1 Key).
• Set each digit using the individual
UP1 to UP3 Keys (DW1 to DW3 Keys).
• Set the indicator display mode using
the UP1 Key (DW1 Key).
Note: The monitor value is only displayed.
It cannot be set.
Note: The monitor value is only displayed.
It cannot be set.
Note: The monitor value is
only displayed.
It cannot be set.
Note: The monitor value is
only displayed.
It cannot be set.
Note: The monitor value is
only displayed.
It cannot be set.
OFF: Output 1 (OUT1) = 12, 13 Output 2 (OUT2) = 3, 4, 5/
ON: Output 1 (OUT1) = 3, 4, 5 Output 2 (OUT2) = 12, 13 (The numbers are the terminals numbers.)
* Use UP1+UP3 to move up and
DW1+DW3 to move down
Cumulative
run time
(OT-A)
alarm set value
Output
allocation
(OTST)
Cumulative
run time
(OT-C)
monitor value
Output
inversion
Note: Displayed only when the 2-stage preset counter, batch counter, or twin counter is selected in the H7CC-
@W(U)@.
(KP-1)
(OFF)
(OFF)
(Enable)
(KP-2)
(KP-3)
(KP-4)
(KP-5)
(KP-6)
(KP-7)
*
*
Memory
back up
(BKUP)
(Count status
display)
(When the function is set to ON,
the count will shift from 0 to 999999.)
H7AN
compatibility
function
(H7AN)
*
*
*
*
*
*
*
*
*
*
Software
version
(ver.)
*
*
*
Output 1
(OUT1)
inversion
(OT1I)
Output 2
(OUT2)
inversion
(OT2I)
(Normally Close)
(Normally Open)
(Normally Close)
(Normally Open)
(Normally Close)
(Normally Open)
*
Output
inversion
(OT-I)
(99.9 years)
(10.0 years)
(0.0 year)
(9999
u 1000 times)
(0
u 1000 times)
(9999
u
1000 times)
(0
u
1000 times)
(9999
u
1000 times)
(0
u
1000 times)
Indicator
display mode
(INDC)
Note: Disable the H7AN compatibility function
when converting from the H7CX or H7CX-N.
9999
0
100
9999
0
100
9999
0
100
n-c
n-o
(ON)
on
kp-1
off
(ON)
on
off
(Disable
)
off
on
(Indicator display
is turned OFF,
and the status
indicator is all off.)
alof
(Indicator display
is turned OFF,
and the status
indicator is all lit.)
allt
on
kp-2
kp-3
kp-4
kp-5
kp-6
kp-7
n-c
n-o
n-c
n-o
0.0
99.9
10.0
*8
From previous
page
To previous
page
Key protect
level
(KYPT)
• Set the key protect level using the UP1 Key (DW1 Key).
*9
Output ON
count alarm
set value/
monitor value
Output 1 (OUT1)
ON count
alarm set value
(ON1A)
Output 2 (OUT2)
ON count
alarm set value
(ON2A)
Output 1 (OUT1)
ON count
monitor value
(ON1C)
Output 2 (OUT2)
ON count
monitor value
(ON2C)
Procedure for Models Other than “-
@W(U)@” Models
Procedure for “-
@W(U)@” Models
Procedure for Models Other than “-
@W(U)@” Models
Procedure for “-
@W(U)@” Models
*9 Set each digit using the individual UP1 to UP4 Keys (DW1 to DW4 Keys).
Output ON
count alarm
set value
(ON-A)
Output ON
count
monitor value
(ON-C)
ver
ot-c
ot-a
on
indc
off
h7an
on
bkup
kp-1
kypt
off
otst
n-o
ot-i
n-o
ot1i
n-o
ot2i
100
on-a
0
on-c
100
on1a
100
on2a
0
on1c
0
on2c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com