Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11D Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # H7CC-R11D
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11D Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button H7CC-R11D Datasheet HTML 16Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 17Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 18Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 19Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 20Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 21Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 22Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 23Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
20
H7CC-A
@
Counter
Indicator Display Mode (indc)
Settings can be made to display the present value in status indicator.
When this mode is ON, the status indicator changes in accordance
with the ratio of the present value to the set value. In the case of
ALOF, the indicator display is turned OFF, and the status indicator is
all off. In the case of ALLT, the indicator display is turned OFF, and
the status indicator is all lit.
(Example 1) When incrementing input is performed
The status indicators light up in an order starting from the left, when
the status reaches 1/6, 2/6, 3/6 (50%), 4/6, 5/6, 6/6 (100%) in
accordance with the ratio of the present value to the set value. Three
indicators on the left light up when the status reaches 50%, and all
indicators light up when the status reaches 100%. All indicators are lit
even when the status is 100% or more. All indicators turn off when the
value changes from 999999 to 0. If the counter continues thereafter,
the status indicator will light up according to the present value.
(Example 2) When decrementing input is performed
The status indicators turn off in an order starting from the right, when
the status reaches 6/6 (100%), 5/6, 4/6, 3/6 (50%), 2/6, 1/6 in
accordance with the ratio of the present value to the set value. Three
indicators on the right turn off when the status reaches 50%, and all
indicators turn off when the status reaches 1/6. All indicators are off
even when the status is below 1/6. All indicators light up when the
H7AN compatibility function is ON and the value changes from 0 to
999999. If the counter continues thereafter, the status indicator will
light up according to the present value.
Cumulative Run Time Alarm Set Value (ot-a)
The cumulative run time for notifying the replacement time can be set.
For details, refer to page 41.
Cumulative Run Time Monitor (ot-c)
The cumulative run time is displayed. It is not a setting item. The
numerical values are displayed in increments of 0.1 years.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com