Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11D Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # H7CC-R11D
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11D Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button H7CC-R11D Datasheet HTML 11Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 12Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 13Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 14Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 15Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 16Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 17Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 18Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
15
Counter
H7CC-A
@
Operating Procedures
Setting Procedure Guide
Setting for Counter Operation *
Use the following settings.
Setting for Tachometer Operation *
Refer to page 31.
* At the time of delivery, the H7CC is set to the 1-stage preset counter configuration or 2-stage preset counter configuration. Refer to page 39 for
information on switching models.
I/O Functions for Counter Operation
1cnt
func
* Table Default Modes and Selectable Functions
Model
Default mode
H7CC-AW
H7CC-AU
2-stage preset
counter
1-stage preset
counter
1-stage preset
counter
Any mode
Any mode
Other models
1-stage preset or
total preset counter only
Selectable mode
Step1
UP1+UP6 or DW1+DW6
(Press and hold for 2 s)
Note: The modes that can be selected depend on the model. (Refer to the Table.)
UP1+UP6 or DW1+DW6
(Press and hold for 2 s)
twn
Run mode
Power ON
Configuration
selection mode
(1-stage
preset
counter)
(2-stage
preset
counter)
(Total and
preset counter)
(Batch
counter)
(Dual
counter)
(Twin
counter)
(Tachometer)
Select the function from Table using the UP1 Key (DW1 Key) .
The H7CC-A
@ is a Counter that contains more
than one functional counter.
When using the Counter in any mode other than
the default mode
*, use the following chart to enter
Configuration Selection Mode and set the functions
that are suitable to the application.
*2
*1
*3
*6. k-2, d, l and h are displayed only when the H7AN compatibility
function is
off or the input mode is ud-a, ud-b, or ud-c.
(Not displayed when the function is set to
twn.)
H is displayed only for 2-stage models.
Note: Displayed only when Twin Counter Mode is not selected.
*5 Displayed for output modes other than K-2, D, L, and H only.
*5
*5
Usage as a Decrementing
Counter (
5ub)
The
5ub parameter is
normally not displayed. You
must set the
outm parameter
shown below in advance to
*6
(
k-2, d, l, or h) to display it.
*3 When Using Dual Counter
Operation
Function
setting mode
* Use UP1+UP3 to move up and
DW1+DW3 to move down
Step2
Parameters are set with the operation keys on the front panel.
The characters displayed in reverse video are the default settings.
In the function setting mode, the status indicator of the keys that can be set lights up.
(Example) In the case of the prescale value (PSCL)
A value from 0.001 to 99.999 can be set, and therefore, the status indicator
of the UP1 Key to UP5 Key (DW1 Key to DW5 Key) lights up.
*6
*6
*6
*5
*5
*5
*6
(DOWN)
(UP/DOWN A)
(UP/DOWN B)
(UP/DOWN C)
(UP/DOWN D)
(UP/DOWN E)
(UP/DOWN F)
(UP)
*
*
*
(99.999)
(1.000)
(0.001)
Change to Function Setting Mode.
• Set the input mode using the UP1 Key (DW1 Key).
Input mode
(CNTM)
Output mode
(OUTM)
(N)
(F)
(C)
(R)
(K-1)
(P)
(Q)
(A)
(K-2)
(D)
(L)
(H)
(Addition) (Subtraction)
*4
*4 Displayed only when the output
mode is K-2, D, L, or H.
Dual count
calculating
mode
(ADD)
• Set the dual count calculating
mode using the UP1 (DW1) Keys.
Prescale
value
(PSCL)
To
next page
From
next page
up
cntm
n
outm
1000
pscl
add
calm
up
down
n
f
c
r
k-1
k-2
pqa
dlh
ud-a
ud-b
ud-c
ud-d
ud-e
ud-f
0.001
99.999
1.000
sub
add
• Set the output mode using the UP1 Key (DW1 Key).
*1 If the mode is switched to the function setting mode during operation, operation will continue.
*2 Changes made to settings in function setting mode are enabled for the first time when the mode is changed to run mode.
Also, when settings are changed, the counter is reset (present value initialized and output turned OFF) on returning to run mode.
UP1+UP3 or DW1+DW3
(Press and hold for 2 s)
UP1+UP3 or DW1+DW3
(Press and hold for 2 s)
Run mode
Power ON
For details on operations and display in run mode, refer to page 21.
The display depends on the selected configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com