Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11D Datasheet(PDF) 33 Page - Omron Electronics LLC

Part # H7CC-R11D
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11D Datasheet(HTML) 33 Page - Omron Electronics LLC

Back Button H7CC-R11D Datasheet HTML 29Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 30Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 31Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 32Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 33Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 34Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 35Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 36Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 37Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
33
H7CC-A
@
tachometer
*2 Set each digit using the individual UP1 to UP4 Keys
(DW1 to DW4 Keys).
* Use UP1+UP3 to move up and
DW1+DW3 to move down
• Set the indicator display mode using the UP1 Key (DW1 Key).
• Set each digit using the UP1 Key (DW1 Key).
(s)
(Hz)
*
*
*
*
*
*
*
*
*
*
*
*
*
*
(Normally Close)
(Normally Open)
(Normally Close)
(Normally Open)
Software
version
(ver.)
Output 1
(OUT1)
inversion
(OT1I)
Output 2
(OUT2)
inversion
(OT2I)
(99.9 years)
(10.0 years)
(0.0 year)
Indicator
display mode
(INDC)
(Count status
display)
Cumulative
run time
(OT-A)
alarm set value
Cumulative
run time
(OT-C)
monitor value
9999
0
100
9999
0
100
phas
s
hz
cont
200ms
alof
allt
on
n-c
n-o
n-c
n-o
0.0
99.9
10.0
(Indicator display
is turned OFF,
and the status
indicator is all off.)
(Indicator display
is turned OFF,
and the status
indicator is all lit.)
From previous
page
To previous
page
Note: The monitor value is only displayed.
It cannot be set.
Note: The monitor value is only displayed.
It cannot be set.
Note: The monitor value is
only displayed.
It cannot be set.
Note: The monitor value is
only displayed.
It cannot be set.
Pulse cycle
measurement/
pulse width
measurement
(CALM)
Display unit
(UNIT)
Measurement
interval
(INTV)
(Pulse width
measurement)
(Pulse cycle
measurement)
(Cont (10 ms min.))
(200 ms)
• Set pulse cycle measurement or pulse width measurement using the UP1 Key (DW1 Key).
• Set the display unit using the UP1 Key (DW1 Key).
• Set the output 2 (OUT2) inversion using the UP1 Key (DW1 Key).
• Set the output 1 (OUT1) inversion using the UP1 Key (DW1 Key).
Note: Displayed only when pulse cycle measurement is used.
• Set each digit using the individual UP1 Key (DW1 Key).
Note: Displayed only if the measurement speed is 10 kHz
when pulse cycle measurement is used.
*2
Output ON
count alarm
set value/
monitor value
Output 1 (OUT1)
ON count
alarm set value
(ON1A)
Output 2 (OUT2)
ON count
alarm set value
(ON2A)
Output 1 (OUT1)
ON count
monitor value
(ON1C)
Output 2 (OUT2)
ON count
monitor value
(ON2C)
(9999
u
1000 times)
(0
u
1000 times)
(9999
u
1000 times)
(0
u
1000 times)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com