Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11D Datasheet(PDF) 42 Page - Omron Electronics LLC

Part # H7CC-R11D
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11D Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button H7CC-R11D Datasheet HTML 38Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 39Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 40Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 41Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 42Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 43Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 44Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 45Page - Omron Electronics LLC H7CC-R11D Datasheet HTML 46Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
H7CC-R
@
42
• Equipped with a replacement time notification function.
• The white-color display further improves visibility and the color
universal design is used. And the Up/Down Keys make it easier
to use the Tachometer.
• Compatible with the ratings, characteristics, and functionality of
the H7CX-R-N.
Specifications
Ratings
*1. Do not use the output from an inverter as the power supply. The ripple must be 20% maximum for CC power.
*2. The display is lit only when the power is ON. Nothing is displayed when power is OFF.
H7CC-R
@ Tachometer
Classification
Tachometer
Item
Model
H7CC-R11
@
H7CC-R11W
@
Input mode
1 input only
2 inputs only
Ratings
Power supply volt-
age
*1
• 100 to 240 VAC, 50/60 Hz
• 12 to 24 VDC or 48 VAC, 50/60 Hz
Operating voltage
fluctuation range
85% to 110% of rated supply voltage (90% to 110% at 12 to 48 VDC)
Power consumption
Approx. 6.8 VA at 100 to 240 VAC,
Approx. 5.5 VA/ 3.3 W at 24 VAC/12 to 48 VDC
Mounting method
Flush mounting or surface mounting
External connections
11-pin socket
Degree of protection
IEC IP66 for panel surface only and when Y92S-P6 Waterproof Packing is used
Input signals
Count and hold
Count 1 and count 2
Pulse measurement method
Tachometer mode (cycle measurement)
AMD-compatible mode (continuous
measurement)
Tachometer mode (cycle measurement)
Maximum counting speed
30 Hz
(minimum pulse
width: 16.7 ms)
10 kHz
(minimum pulse
width: 0.05 ms)
---
30 Hz (minimum pulse width: 16.7 ms) or
5 kHz (minimum pulse width: 0.1 ms)
(selectable)
Minimum input signal width
---
10 ms
1 ms
---
Measuring ranges
0.001 Hz to 30.00Hz 0.001 Hz to 10 kHz
0.026 to 999999 s
0.003 to 999999 s
0.01 to 5k Hz
Sampling cycle
200 ms min.
Continuous measurement (minimum
interval of 10 ms)
200 ms min.
Display refresh cycle
• Input pulse of 5 Hz min.
Averaging not used: 200 ms
Averaging used: 200 multiplied by the averaging setting (ms)
• Input pulse of less than 5 Hz
Averaging not used: Two times the maximum input pulse cycle
Using averaging: Two times the maximum of the input pulse cycle multiplied by the averaging setting.
Measuring accuracy
±0.1% FS ±1 digit max. (at 23 ±5°C)
Output mode
HI-LO, AREA, HI-HI, LO-LO
HI-HI, LO-LO
Auto-zero time
0.1 to 999.9 s (in Tachometer Mode)
Startup time
0.0 to 99.9 s
Averaging
Simple averaging/moving averaging selectable, Number of times: OFF, 2, 4, 8 or 16 times
Prescaling function
0.001 to 99.999 (in Tachometer Mode)
Decimal point adjustment
Rightmost 3 digits
---
Sensor waiting time
290 ms max. (Control output is turned OFF and no input is accepted during sensor waiting time.)
Input
Input method
No-voltage Input
Impedance when ON: 1 k
Ω max.
(Leakage current: 12 mA when 0
Ω)
ON residual voltage:
3 V max.
Impedance when OFF: 100 k
Ω min.
Voltage Input
High (logic) level:
4.5 to 30 VDC
Low (logic) level:
0 to 2 VDC
(Input resistance: approx. 4.7 k
Ω)
Hold input
Minimum input signal width: 20 ms
---
External power supply
12 VDC (
±10%), 100 mA
* Refer to Safety Precautions (Common) on page 61 for details.
Control output
Contact output: 3 A at 250 VAC/30 VDC, resistive load (cos
φ=1)
Minimum applied load:10 mA at 5 VDC (failure level: P, reference value)
Display
*2
7-segment, negative transmissive LCD
Character height
Present value: 10 mm (white), comparison value: 6 mm (green)
Digits
6 digits (0 to 999999)
Memory backup
Non-volatile memory (overwrites: 100,000 times min.) that can store data for 10 years min.
Operating temperature range
−10 to 55°C (−10 to 50°C if Counter/Tachometers are mounted side by side) (with no icing or condensation)
Storage temperature range
−25 to 70°C (with no icing or condensation)
Operating humidity range
25% to 85%
Case color
Black (N1.5)
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com