Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5523-R8A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # LSP5523-R8A
Description  3A 27V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5523-R8A Datasheet(HTML) 4 Page - Diodes Incorporated

  LSP5523-R8A Datasheet HTML 1Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 2Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 3Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 4Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 5Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 6Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 7Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 8Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LSP5523
Document number: DS44073 Rev. 7 - 2
4 of 17
www.diodes.com
May 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5523
Absolute Maximum Ratings(at TA=25°C) (Note 4)
Note:
Operate over the “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to such conditions for
extended time may still affect the reliability of the device.
Characteristics
Value
Unit
Input Supply Voltage
-0.3 to 30
V
SW Voltage
-0.3 to VIN + 0.3
V
BS Voltage
VSW – 0.3 to VSW + 6
V
EN
-0.3 to 8
V
FB, COMP Voltage
-0.3 to 5
V
Continuous SW Current
Internally limited
A
Maximum Junction Temperature
150
°C
Storage Temperature Range
-65 to 150
°C
ESOP-8L Thermal Resistance(Junction to Case)
19
°C/W
ESOP-8L Thermal Resistance(Junction to Ambient)
84
°C/W
ESOP-8L Power dissipation
1450
mW
Moisture Sensitivity (MSL)
Please refer the MSL label on the IC package
bag/carton for detail
Note 4: Ratings apply to ambient temperature at 25°C.
Recommended Operating Conditions
Characteristics
Min
Max
Unit
Input Supply Voltage
4.5
27 (5)
V
Operating Junction Temperature
-20
+125 (6)
°C
Note 5: Operating the IC over this voltage is very easy to cause over voltage condition to VIN pin, SW pin, BS pin & EN pin.
Note 6: If the IC experienced OTP, then the temperature may need to drop to < 125 degree C to let the IC recover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com