Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5523-R8A Datasheet(PDF) 10 Page - Diodes Incorporated

Part # LSP5523-R8A
Description  3A 27V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5523-R8A Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button LSP5523-R8A Datasheet HTML 6Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 7Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 8Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 9Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 10Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 11Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 12Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 13Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LSP5523
Document number: DS44073 Rev. 7 - 2
10 of 17
www.diodes.com
May 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5523
Stability Compensation (Continued)
STEP2. Set the zero fZ1 at 1/4 of the crossover frequency. If RCOMP is less than 10KΩ, the equation for
CCOMP is:
)
(
637
.
0
1
F
fc
R
C
COMP
COMP
STEP3. If the output capacitor’s ESR is high enough to cause a zero at lower than 4 times the crossover
frequency, an additional compensation capacitor CCOMP2 is required. The condition for using CCOMP2 is:
ESRCOUT
R
1
fs
R
C
ESR
OUT
And the proper value for CCOMP2 is:
C O M P
E S R C O U T
O U T
2
C O M P
R
R
C
C
Though CCOMP2 is unnecessary when the output capacitor has sufficiently low ESR, a small value CCOMP2
such as 100pF may improve stability against PCB layout parasitic effects.
Table 4 Component Selection Guide for
Stability Compensation
Vin Range
(V)
Vout,
(V)
Cout
Rcomp,
(kΩ)
Ccomp,
(nF)
Ccomp2,
(pF)
Inductor,
(uH)
5
– 12
1.0
22uF x2
Ceramic
2.4
6.8
none
4.7
5
– 15
1.2
3
6.2
none
4.7
5
– 15
1.8
6.2
3
none
10
5
– 15
2.5
8
2.2
none
10
5
– 15
3.3
10
2.2
none
10
7
– 15
5
10
2.2
none
10
5
– 12
1.0
470uF/
6.3V/
120
mΩ
10
10
680
10
5
– 15
1.2
5
– 23
1.8
5
– 27
2.5
5
– 27
3.3
7
– 27
5
(10)
(11)
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com