Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5523-R8A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # LSP5523-R8A
Description  3A 27V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5523-R8A Datasheet(HTML) 2 Page - Diodes Incorporated

  LSP5523-R8A Datasheet HTML 1Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 2Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 3Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 4Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 5Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 6Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 7Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 8Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LSP5523
Document number: DS44073 Rev. 7 - 2
2 of 17
www.diodes.com
May 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5523
Block Diagram
6
7
8
5
2
1
3
4
IN T E R N A L
R E G U L A T O R S
FB
SS
C O M P
EN
1 . 1 V
0 . 3 V
0 .925 V
2 .5 V
1 .5 V
O V P
S H U T D O W N
C O M P A R A T O R
E R R O R
A M P L IF IE R
L O C K O U T
C O M P A R A T O R
E N O K
6 uA
O S C IL L A T O R
3 4 0 /120 K H z
R A M P
C L K
1 . 2 V
O V P
IN < 4 .10 V
IN
C U R R E N T
C O M P A R A T O R
C U R R E N T
S E N S E
A M P L IF IE R
5 V
V IN
BS
SW
G N D
S
Q
R
Q
Ordering Information
Part Number
Package
Package Code
Packing
Qty.
Carrier
LSP5523-R8A
ESOP-8L
R8
2,500pcs
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com