Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5523-R8A Datasheet(PDF) 14 Page - Diodes Incorporated

Part # LSP5523-R8A
Description  3A 27V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5523-R8A Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button LSP5523-R8A Datasheet HTML 9Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 10Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 11Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 12Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 13Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 14Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 15Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 16Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
LSP5523
Document number: DS44073 Rev. 7 - 2
14 of 17
www.diodes.com
May 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5523
Marking Information
LSC
LSP5523
VYYWWUZ
Part ID
LOGO
V Y Y W W UZ
In te r n a l C o d e
D a te c o d e
YY : Y e a r ( 0 9 = 2 0 0 9 ,1 0 = 2 0 1 0 ,1 1 = 2 0 1 1 ,1 2 = 2 0 1 2 ...)
WW : W e e k ( 0 1 ~ 5 3 )
O u tp u t V o lta g e
B la n k : A D J
ESOP-8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com