Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5523-R8A Datasheet(PDF) 16 Page - Diodes Incorporated

Part # LSP5523-R8A
Description  3A 27V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5523-R8A Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button LSP5523-R8A Datasheet HTML 9Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 10Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 11Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 12Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 13Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 14Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 15Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 16Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
LSP5523
Document number: DS44073 Rev. 7 - 2
16 of 17
www.diodes.com
May 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5523
MSL (Moisture Sensitive Level) Information
IPC/JEDEC J-STD-020D.1 Moisture Sensitivity Levels Table
LEVEL
FLOOR LIFE
SOAK REQUIREMENTS
Standard
Accelerated Equivalent 7
eV
0.40-0.48
eV
0.30-0.39
CONDITION
TIME
CONDITION
TIME
(hours)
CONDITION
TIME
(hours)
TIME
(hours)
1
Unlimited
≤30 °C /85%
RH
168
+5/-0
85 °C /85%
RH
NA
NA
NA
2
1 year
≤30 °C /60%
RH
168
+5/-0
85 °C /60%
RH
NA
NA
NA
2a
4 weeks
≤30 °C /60%
RH
6968
+5/-0
30 °C /60%
RH
120
-1/+0
168
-1/+0
60 °C/ 60% RH
3
168 hours
≤30 °C /60%
RH
1928
+5/-0
30 °C /60%
RH
40
-1/+0
52
-1/+0
60 °C/ 60% RH
4
72 hours
≤30 °C /60%
RH
968
+2/-0
30 °C /60%
RH
20
+0.5/-0
24
+0.5/-0
60 °C/ 60% RH
5
48 hours
≤30 °C /60%
RH
728
+2/-0
30 °C /60%
RH
15
+0.5/-0
20
+0.5/-0
60 °C/ 60% RH
a
24 hours
≤30 °C /60%
RH
488
+2/-0
30 °C /60%
RH
10
+0.5/-0
13
+0.5/-0
60 °C/ 60% RH
6
Time on Label
(TOL)
≤30 °C /60%
RH
TOL
30 °C /60%
RH
NA
NA
NA
Note 7: CAUTION -
To use the ‘‘accelerated equivalent’’ soak conditions, correlation of damage response (including electrical, after
soak and reflow), should be established with the ‘‘standard’’ soak conditions. Alternatively, if the known activation energy for
moisture diffusion of the package materials is in the range of 0.40 - 0.48 eV or 0.30 -
0.39 eV, the ‘‘accelerated equivalent’’
may be used. Accelerated soak times may vary due to material properties (e.g .mold compound, encapsulant, etc.). JEDEC
document JESD22-A120 provides a method for determining the diffusion coefficient.
Note 8:
The standard soak time includes a default value of 24 hours for semiconductor manufacturer’s exposure time (MET) between
bake and bag and includes the maximum time allowed out of the bag at the distributor’s facility. If the actual MET is less than
24 hours the soak time may be reduced. For soak conditions of 30 °C/60% RH, the soak time is reduced by 1 hour for each
hour the MET is less than 24 hours. For soak conditions of 60 °C/60% RH, the soak time is reduced by 1 hour for each 5
hours the MET is less than 24 hours. If the actual MET is greater than 24 hours the soak time must be increased. If soak
conditions are 30 °C/60% RH, the soak time is increased 1 hour for each hour that the actual MET exceeds 24 hours. If soak
conditions are 60 °C/60% RH, the soak time is increased 1 hour for each 5 hours that the actual MET exceeds 24 hours.
Mechanical Data
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
Weight: 0.081 grams (Approximate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com