Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5523-R8A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # LSP5523-R8A
Description  3A 27V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5523-R8A Datasheet(HTML) 5 Page - Diodes Incorporated

  LSP5523-R8A Datasheet HTML 1Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 2Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 3Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 4Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 5Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 6Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 7Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 8Page - Diodes Incorporated LSP5523-R8A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LSP5523
Document number: DS44073 Rev. 7 - 2
5 of 17
www.diodes.com
May 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5523
Electrical Characteristics
(TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min
Typ
Max
Unit
Feedback Voltage
VFB
4.5V ≤ VIN ≤ 27V
0.900
0.925
0.950
V
Feedback Overvoltage Threshold
—
—
—
1.1
—
V
High-Side Switch-On Resistance*
—
—
—
90
—
mΩ
Low-Side Switch-On Resistance*
—
—
—
70
—
mΩ
High-Side Switch Leakage
—
VEN = 0V, VSW = 0V
—
0.1
10
uA
Upper Switch Current Limit
—
Minimum Duty Cycle
3.8
4.5
—
A
Lower Switch Current Limit
—
From Drain to Source
—
1.2
—
A
COMP to Current SenseLimit
Transconductance
GCS
—
—
5.2
—
A/V
Error Amplifier Transconductance
GEA
ΔI
COMP = ±10uA
—
900
—
uA/V
Error Amplifier DC Gain*
AVEA
—
—
400
—
V/V
Switching Frequency
fSW
—
300
340
380
KHz
Short Circuit Switching Frequency
—
VFB = 0
—
100
—
KHz
Minimum Duty Cycle*
Dmin
—
7.5
—
—
%
Maximum Duty Cycle
Dmax
—
—
92
—
%
EN Shutdown Threshold Voltage
—
VEN Rising
1.1
1.4
2
V
EN Shutdown Threshold Voltage
Hysteresis
—
—
—
180
—
mV
EN Lockout Threshold Voltage
—
—
2.2
2.5
2.7
V
EN Lockout Hysteresis
—
—
—
150
—
mV
Supply Current in Shutdown
—
VEN = 0
—
0.3
3.0
uA
IC Supply Current in Operation
—
VEN = 3V, VFB = 1.0V
—
1.3
1.5
mA
Input UVLO Threshold Rising
UVLO
VEN Rising
3.8
4.0
4.5
V
Input UVLO Threshold Hysteresis
—
—
—
150
—
mV
Soft-start Current
—
VSS = 0V
—
6
—
uA
Soft-start Period
—
CSS = 0.1uF
—
13
—
mS
Thermal Shutdown Temperature*
—
Hysteresis =25°C
—
155
—
°C
Note : * Guaranteed by design, not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com